Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2802 Datasheet(PDF) 32 Page - Analog Devices

Part # LTC2802
Description  Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2802 Datasheet(HTML) 32 Page - Analog Devices

Back Button LTC2802 Datasheet HTML 24Page - Analog Devices LTC2802 Datasheet HTML 25Page - Analog Devices LTC2802 Datasheet HTML 26Page - Analog Devices LTC2802 Datasheet HTML 27Page - Analog Devices LTC2802 Datasheet HTML 28Page - Analog Devices LTC2802 Datasheet HTML 29Page - Analog Devices LTC2802 Datasheet HTML 30Page - Analog Devices LTC2802 Datasheet HTML 31Page - Analog Devices LTC2802 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTC2873
32
REV B
For more information www.analog.com
ANALOG DEVICES, INC. 2015-2018
D16844-0-4/18(B)
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC2870, LTC2871
RS232/RS485 Multiprotocol Transceiver with
Integrated Termination
Two RS232 and One RS485 Transceivers. 3V to 5.5V Supply,
Automatic Selection of Termination Resistors, Duplex Control,
Logic Supply Pin, Up to ±26kV ESD
LTC2872
RS232/RS485 Dual Multiprotocol Transceiver
with Integrated Termination
Four RS232 and Two RS485 Transceivers. 3V to 5.5V Supply,
Automatic Selection of Termination Resistors, Duplex Control,
Logic Supply Pin, ±15kV ESD
LTC1334
Single 5V RS232/RS485 Multiprotocol Transceiver
Dual Port, Single 5V Supply, Configurable, ±10kV ESD
LTC1387
Single 5V RS232/RS485 Multiprotocol Transceiver
Single Port, Configurable
LTC2801/LTC2802/
LTC2803/LTC2804
1.8V to 5.5V RS232 Single and Dual Transceivers
Up to 1Mbps, ±10kV ESD, Logic Supply Pin, Tiny DFN Packages
LTC2854/LTC2855
3.3V 20Mbps RS485 Transceiver with Integrated
Switchable Termination
3.3V Supply, Integrated, Switchable, 120Ω Termination Resistor,
±25kV ESD
LTC2859/LTC2861
20Mbps RS485 Transceiver with Integrated
Switchable Termination
5V Supply, Integrated, Switchable, 120Ω Termination Resistor,
±15kV ESD
LTM®2881
Complete Isolated RS485/RS422 µModule®
Transceiver + Power
20Mbps, 2500VRMS Isolation with Integrated DC/DC Converter,
Integrated Switchable 120Ω Termination Resistor, ±15kV ESD
LTM2885
6500VRMS Isolated RS485/RS232 µModule Transceiver +
Power
20Mbps, 6500VRMS Isolation with Integrated DC/DC Converter,
Integrated Switchable 120ohm Termination Resistor, ±15kV ESD, 5V
Supply
LTM2882
Dual Isolated RS232 µModule Transceiver + Power
1Mbps, 2500VRMS Isolation with Integrated DC/DC Converter,
±10kV ESD
2873 TA03
120
5k
1F
220nF
10H
2.2F
ISO
ISO
VL
CAP
SW
SHDN
DI
3.3V
ON
DI
RO
PWR_MON
D R
RO
485/232
485/232
RE485
TE485
DE485/F232
LB
GND
RS232
RS485
A/DO
B/RI
VDD
VEE
VCC
1F
ISO
LTC2873
BOOST
REGULATOR
RS232
(485/232
LOW)
RS485
(485/232
HIGH)
LTM2887-3S
VCC2
I1
CS2
SDO2
SDI2
AVCC2
GND2
GND2
GND2
GND2
IVL2
AVL2
VL2
IVCC2
I2
SCK2
VCC
VCC
VL
ON
GND1
GND1
GND1
GND1
DO2
DO1
SDI
SDO
SCK
GND1
SDOE
CS
2500VRMS Isolated RS485/RS232 Transceiver with Isolated Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com