Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YFW10N60A3-R Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # YFW10N60A3-R
Description  10A 600V N-channel enhanced field effect transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

YFW10N60A3-R Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  YFW10N60A3-R Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW10N60A3-R Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW10N60A3-R Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW10N60A3-R Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW10N60A3-R Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW10N60A3-R Datasheet HTML 6Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
N-CHANNEL MOSFET
10N60A
1 / 6
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
10A 600V N沟道增强型场效应管
主要参数:
ID
10A
VDSS
600V
RDSON-typ(@VGS=10V)
0.75Ω
性能特点:
开关速度快
低导通电阻
低反向传输电容
低栅极电荷量
100%单脉冲雪崩能量测试
提升了dv/dt能力
机械性能:
注塑成型封装
适用任何位置安装
封装材料符合UL 94V-0燃烧防火等级标准
加工焊接峰值最高温度 275°C ;时间丌大于 10s
封装形式: TO-220C, TO-220F, TO-263
G.栅极 D.漏极 S.源极
产品规格分类:
产品料号
封装形式
产品印字
包装方式
YFW10N60A2
TO-220F(0.5mm)
10N60AF
50PCS每管
YFW10N60A8
TO-220F(1.3mm)
10N60AF
50PCS每管
YFW10N60A3
TO-263
10N60AS
50PCS每管
YFW10N60A3-R
TO-263
10N60AS
800PCS每盘
YFW10N60A9
TO-220C
10N60AC
50PCS每管


Similar Part No. - YFW10N60A3-R

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
YFW10N60B2 YFWDIODE-YFW10N60B2 Datasheet
963Kb / 6P
10A 600V N-channel enhanced field effect transistor
YFW10N60B3 YFWDIODE-YFW10N60B3 Datasheet
963Kb / 6P
10A 600V N-channel enhanced field effect transistor
YFW10N60B3-R YFWDIODE-YFW10N60B3-R Datasheet
963Kb / 6P
10A 600V N-channel enhanced field effect transistor
YFW10N60B8 YFWDIODE-YFW10N60B8 Datasheet
963Kb / 6P
10A 600V N-channel enhanced field effect transistor
YFW10N60B9 YFWDIODE-YFW10N60B9 Datasheet
963Kb / 6P
10A 600V N-channel enhanced field effect transistor
More results

Similar Description - YFW10N60A3-R

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
2N60A YFWDIODE-2N60A Datasheet
760Kb / 5P
2A 600V N-channel enhanced field effect transistor
4N60A YFWDIODE-4N60A Datasheet
1Mb / 7P
4A 600V N-channel enhanced field effect transistor
6N60A YFWDIODE-6N60A Datasheet
1Mb / 7P
6A 600V N-channel enhanced field effect transistor
10N50A YFWDIODE-10N50A Datasheet
949Kb / 6P
10A 500V N-channel enhanced field effect transistor
10N50B YFWDIODE-10N50B Datasheet
949Kb / 6P
10A 500V N-channel enhanced field effect transistor
10N60B YFWDIODE-10N60B Datasheet
963Kb / 6P
10A 600V N-channel enhanced field effect transistor
10N80A YFWDIODE-10N80A Datasheet
935Kb / 6P
10A 800V N-channel enhanced field effect transistor
12N60A YFWDIODE-12N60A Datasheet
885Kb / 5P
12A 600V N-channel enhanced field effect transistor
20N60A YFWDIODE-20N60A Datasheet
833Kb / 6P
20A 600V N-channel enhanced field effect transistor
35N60A YFWDIODE-35N60A Datasheet
851Kb / 5P
35A 600V N-channel enhanced field effect transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com