Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC4AB05 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # EC4AB05
Description  5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC4AB05 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  EC4AB05 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC4AB05 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V14
2
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25℃ Unless Otherwise Noted
INPUT SPECIFICATIONS:
ISOLATION VOLTAGE:
Input Voltage Range ....……………..........….......... 12V ....................... 9-18V
500 VDC min. …………………………………………… Standard Models
24V .................... 18-36V
3K VDC min. (note4) …………………………………… Suffix “H” Models
48V .................... 36-72V
1.5K VDC min. …………..…………………………… Suffix “HM” Models
Positive Logic Remote ON/OFF ( see note6 )
CASE MATERIAL:
Input Filter ……………………………………………….….…….……….. Pi Type
Standard Models …………….…………… Non-Conductive Black Plastic
OUTPUT SPECIFICATIONS:
Suffix “M” Models ………….………….. Black Coated Copper with Non-conductive Base
Voltage Accuracy …....................................................................... ±2.0% max.
NOTE:
Voltage Balance (Dual) ….............................................................. ±1.0% max.
1. Measured from high line to low line.
Temperature Coefficient …………………………………………… ±0.05%/℃
2. Measured from full load to 10% load.
Ripple & Noise, 20MHz BW ………….… 3.3V/5V ………… 100mV pk-pk max.
3. Measured from full load to 1/4 load.
12V/15V ……………. 1% pk-pk max.
4. Non-conductive black plastic only.
Short Circuit Protection ……………………………………………… Continuous
5. Suffix “T” to the model number with remote on/off for “H”/”HM” versions only.
Line Regulation (note1) Single/Dual
…….…………………......…±0.5% max.
6. Logic Compatibility …. CMOS or Open Collector TTL, ref. to –Vin
Load Regulation (note2) Single ……………….……....…………. ±0.5% max.
Module on
……………..……..……… >5.5VDC or open circuit
Dual (note3) ….…………………………±1.0% max.
Module off ………….……………….……………………. <1.8Vdc.
GENERAL SPECIFICATIONS:
Shutdown Idle …….……………………………………….. 10mA
Efficiency …...................................................................................... See Table
Control Common ……..……….…….. referenced to input minus
Isolation Resistance …..................................................…… 10
9 ohm min.
7. Suffix “S” to the model number with SMD packages.
Switching Frequency …................................................................ 100KHz min.
8. Maximum case temperature under any operating condition should
Operating Ambient Temperature Range .................................. -25℃ to +71℃
not be exceeded 95℃(Plastic Case),100℃(Copper Case).
De-rating, Above 71℃ (Plastic Case) …… Linearly to Zero power at 95℃
De-rating, Above 71℃ (Copper Case) …… Linearly to Zero power at 100℃
Case Temperature (Plastic case note8) ......................................... 95℃ max.
(Copper case note8) ……..……..…………….. 100℃ max.
Cooling ……………………………………………….. Natural Convection
Storage Temperature Range ………....….......……........ -40℃ to +100℃
EMI/RFI ………………………..……. Conductive EMI Meet EN55022 Class B
Dimensions …… DIP ….…….… 1.25×0.80x0.50 inches(31.8x20.3×12.7 mm)
SMD ………… 1.25×0.80x0.55 inches(31.8x20.3×14.0 mm)
Weight …………………………………………………………………………... 15g
Case A Dimensions:
BOTTOM
VIEW
SEE NOTE
* NP-NO PIN
* NC-NO CONNECTION WITH PIN
All Dimensions In Inches (mm)
Tolerances
Inches: X.XX= ±0.02 , X.XXX= ±0.010
Millimeters: X.X= ±0.5 , X.XX=±0.25
TOP
VIEW
CASE AS
* Remote On/Off (Option)
PIN CONNECTION
500 VDC
1.5K & 3K VDC
Pin
Single Output
Dual Output
1,24
2,23
3,22
10,15
11,14
12,13
+V Input
NC
NC
-V Output
+V Output
-V Input
+V Input
-V Output
-V Input
Common
Common
+V Output
9
4
21
DIP
SMD
NP
NC
NP
NC
NP
NC
DIP
SMD
Pin
Single Output
Dual Output
DIP
SMD
DIP
SMD
NP
NC
NP
NC
NP
NC
NC
NC
-V Output
Common
-V Input
-V Input
+V Output
+V Output
Common
-V Output
+V Input
+V Input
1,24
2,3
10,15
11
12,13
14
9
22,23
16
20,21
NP
NC
NP
NC
NP
NC
NP
NC
NC
NC
NP
NC
NP
NC
NP
NC
NP
NC
16
NP
NC
NP
NC
5
NP
NC
NP
NC
NP/
NC/
NP/
NC/
20
NP
NC
NP
NC
5
4
NOTE:Pin Size is 0.02±0.002 Inch (0.5±0.05 mm) DIA
Typical Derating curve for Natural Convection
71
-25
95
100
0%
20%
40%
60%
80%
100%
120%
-25
0
25
50
75
100
Ambient Temperature(oC)
Plastic Case
Copper Case



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com