Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC4BW Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # EC4BW
Description  10 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC4BW Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  EC4BW Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC4BW Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V13
1
︳
EC4BW SERIES
10 WATT 4:1 INPUT RANGE
DC-DC CONVERTERS
FEATURES
* 10W Isolated Output
* 2”x1” Six-Sided Shield Metal Case
* Efficiency to 82%
* 4:1 Input Range
* Pi Input Filter
* Continuous Short Circuit Protection
* Meets EN55022 Class A, Conducted
INPUT CURRENT
MODEL
NUMBER
INPUT
VOLTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
NO LOAD
FULL LOAD
% EFF.
CAPACITOR
LOAD MAX.
EC4BW01
9-36 VDC
5 VDC
2000 mA
15 mA
534 mA
78
2000uF
EC4BW02
9-36 VDC
12 VDC
830 mA
15 mA
520 mA
80
830uF
EC4BW03
9-36 VDC
15 VDC
666 mA
15 mA
520 mA
80
666uF
EC4BW04
9-36 VDC
±12 VDC
±415 mA
20 mA
520 mA
80
T.B.D.
EC4BW05
9-36 VDC
±15 VDC
±333 mA
20 mA
520 mA
80
T.B.D.
EC4BW06
9-36 VDC
±5 VDC
±1000 mA
20 mA
520 mA
80
T.B.D.
EC4BW07
9-36 VDC
3.3 VDC
2000 mA
15 mA
362 mA
76
2000uF
EC4BW11
18-72 VDC
5 VDC
2000 mA
10 mA
260 mA
80
2000uF
EC4BW12
18-72 VDC
12 VDC
830 mA
10 mA
257 mA
81
830uF
EC4BW13
18-72 VDC
15 VDC
666 mA
10 mA
257 mA
81
666uF
EC4BW14
18-72 VDC
±12 VDC
±415 mA
15 mA
257 mA
81
T.B.D.
EC4BW15
18-72 VDC
±15 VDC
±333 mA
15 mA
253 mA
82
T.B.D.
EC4BW16
18-72 VDC
±5 VDC
±1000 mA
15 mA
253 mA
82
T.B.D.
EC4BW17
18-72 VDC
3.3 VDC
2000 mA
10 mA
181 mA
76
2000uF
NOTE: 1. Nominal Input Voltage 24 or 48VDC


Similar Part No. - EC4BW

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
EC4BE CINCON-EC4BE Datasheet
187Kb / 2P
10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4BE01 CINCON-EC4BE01 Datasheet
187Kb / 2P
10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4BE02 CINCON-EC4BE02 Datasheet
187Kb / 2P
10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4BE03 CINCON-EC4BE03 Datasheet
187Kb / 2P
10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4BE04 CINCON-EC4BE04 Datasheet
187Kb / 2P
10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
More results

Similar Description - EC4BW

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TC4W-7S243.3 TRUMPOWER-TC4W-7S243.3 Datasheet
28Kb / 1P
DC/DC CONVERTERS 4:1 Input, 10 Watt
logo
RSG Electronic Componen...
CQB75W RSG-CQB75W Datasheet
135Kb / 1P
75 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
CQB100W RSG-CQB100W Datasheet
136Kb / 1P
100 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC1SC01 CINCON-EC1SC01 Datasheet
195Kb / 2P
20 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
EC2SBW CINCON-EC2SBW Datasheet
198Kb / 2P
10 WATT 4:1 INPUT DC-DC CONVERTERS
EC3AW CINCON-EC3AW Datasheet
187Kb / 2P
3 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
EC6AW-110S33 CINCON-EC6AW-110S33 Datasheet
226Kb / 2P
10 WATT 4:1 INPUT DC-DC CONVERTERS
EC8AW CINCON-EC8AW Datasheet
204Kb / 2P
15 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
EC4BE CINCON-EC4BE Datasheet
187Kb / 2P
10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC7A CINCON-EC7A Datasheet
213Kb / 2P
10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com