Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFB600 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # CFB600
Description  600 TO 700 WATTS 2:1 INPUT DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFB600 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  CFB600 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFB600 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V15
2
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25℃ Unless Otherwise Noted
INPUT SPECIFICATIONS:
GENRAL SPECIFICATIONS:
Input Voltage Range....……………........….......... 24V .................. 18-36V
Efficiency
.................…..................................……..........…....... See Table
48V ................. 36-75V
Isolation Voltage ........... Input/Output, Input/Case, Output/Case ..
…....…..….. 1500VDC min.
Input Surge Voltage (100ms max.)
……............. 24V …....... 50Vdc max.
Isolation Resistance ...............
....................…............…….... 107 ohm min.
48V
.….... 100Vdc max.
Isolation Capacitance
…………………..…………..………..… 4000pF typ.
Under voltage
lockout ……….….. 24Vin Power Up …..…………..…. 17V
Switching Frequency ........
.…. 48S12&48S28&48S32 .….... 300KHz typ.
24Vin Power D
own …..……….…. 16V
Others
……………………... 250KHz typ.
48Vin Power Up
…….….…........ 35V
Operating Case Temperature
………………………………. -40℃ to 100℃
48Vin Power Down
………......... 33V
Storage Temperature ……………....…....…….............. -55℃ to +105℃
Input over voltage protection
… 24Vin Turn off …. 40V, Turn on ….. 38V
Thermal Shutdown, Case Temp. .………………..……..……. 110℃ typ.
48Vin Turn off
…. 80V, Turn on ….. 77V
Humidity .................................................... 95% RH max. Non Condensing
Opto Isolated Remote On/Off (note6)
MTBF
………. MIL-HDBK-217F, GB, 25℃, Full Load ……… 450Khrs typ.
Input Filter ………………………………………………..….……... PI Type
Dimensions ........................ 4.60
2.40x0.50 Inches(116.8x61.012.7 mm)
OUTPUT SPECIFICATIONS:
Case Material ................….....…… Aluminum Baseplate with Plastic Case
Voltage Accuracy ...................
.......................………............
1.0% max.
Weight
…………………………………………………………….……… 220g
Transient Response:25% Step Load Change .………….…….… <500us
NOTE:
External Trim Adj. Range ………………………………...………
 60-110%
1. Measured from high line to low line.
Load share Accuracy
…….……………
10% at 50% to 100% Full Load
2. Measured from full load to zero load.
Auxiliary output voltage/current
……………… 10
3Vdc/20mA max.
3. Output ripple and noise measured with 10uF tantalum and 1uF
Ripple & Noise, 20MHz BW
ceramic capacitor across output.
12
V …….....….... 60mV RMS max., 120mV pk-pk max.
4. The output adjustment circuit and trim equations show as figure1
24
V …………... 100mV RMS max., 240mV pk-pk max.
and figure2.
28
V …………... 100mV RMS max., 280mV pk-pk max.
5. An external input capacitor 220uF for all models are recommended to
32
V ……….….. 120mV RMS max., 320mV pk-pk max.
reduce input ripple voltage.
48
V ……….….. 200mV RMS max., 480mV pk-pk max
6. Standard model is n
egative logic , suffix “P” to the model number with
Temperature Coefficient
....................……….........….....
0.03%/C max.
positive logic. (refer application note)
Short Circuit Protection
.........………………......................... Continuous
7. If the remote sense feature is not to be used, the +sense pin should be
Line Regulation (note
1) ……………….………..................….
0.2% max.
connected to the +Vout pin and the
–sense pin should be connected
Load Regulation (note
2) ………………………….........…......
0.5% max.
to the -Vout pin. (refer application note Item 6.9)
Over Voltage Protection Trip Range, % Vo Nom. …................. 115-140%
Current Limit ................
....……………….... 110%-150% Nominal Output
Start up Time
…………………………….…………….…..…... 160ms typ.
CASE FB
Mounting Through
3.5mm 4Pl.
Tolerances
Inches: .XX±0.02 .XXX±0.010
±0.004
Millimeters: .X±0.5
.XX±0.25
±0.1
All Dimensions In Inches(mm)
Pin DIA
3.949(100.30)
3.799(96.49)
3.649(92.68)
3.499(88.87)
3.349(85.06)
0.020(5.05)
4.20(106.7)
4.60(116.8)
TRIM
PC/NC
AUX
IOG
16
15
13
14
-V Input
+V Input
+On/Off
-On/Off
-S
+S
-V Output
+V Output
5-7
8-10
12
11
3
4
2
1
PIN NUMBER
5
6
7
8
9
10
4
3
2
1
4.099(104.11)
PIN CONNECTIONS
FUNCTION
Output Voltage = TRIM
Terminal Voltage * Nominal
Output Voltage
Fig.2 The schematic of
output voltage adjusted by
using external DC voltage.
The output voltage can be determined
by below equations:
Vf
VR
Vo
Vout
Rt
Rt
Rt
Rt
Vf
+
=
+
+
+
=
)
(
33
33
68
.
7
)
33
33
(
24
.
1
Unit: KΩ
Vo: Nominal Output Voltage
Rt=6.8K
Ω
Fig.1 The schematic of output voltage
adjusted by using external resistor
and/or variable resistor.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com