Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC7B Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # EC7B
Description  20 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC7B Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  EC7B Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC7B Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V29
1
︳
EC7B SERIES
20 WATT 2:1 INPUT RANGE
DC-DC
CONVERTERS
FEATURES
* 20W Isolated Output
* Efficiency to 90%
* Fixed Switching Frequency
* 2:1 Input Range
* Regulated Outputs
* Continuous Short Circuit Protection
* Pi Input Filter
* CE Mark Meets 2004/108/EC
* UL60950-1 Approval
OUTPUT CURRENT
INPUT CURRENT
MODEL
NUMBER
INPUT
VOLTAGE
OUTPUT
VOLTAGE
MIN.
MAX.
NO LOAD
FULL LOAD
%
EFF.
CAPACITOR
LOAD MAX.
EC7B-12D12
9-18 VDC
±12 VDC
42 mA
±835 mA
40 mA
1856 mA
90
1000uF
EC7B-12D15
9-18 VDC
±15 VDC
33 mA
±670 mA
40 mA
1861 mA
90
800uF
EC7B-24S18
18-36 VDC
1.8 VDC
0 mA
6000 mA
30 mA
523 mA
86
6000uF
EC7B-24S25
18-36 VDC
2.5 VDC
0 mA
6000 mA
30 mA
710 mA
88
6000uF
EC7B-24S33
18-36 VDC
3.3 VDC
0 mA
5000 mA
40 mA
764 mA
90
5000uF
EC7B-24S05
18-36 VDC
5 VDC
0 mA
4000 mA
60 mA
926 mA
90
4000uF
EC7B-24S12
18-36 VDC
12 VDC
0 mA
1670 mA
20 mA
928 mA
90
2000uF
EC7B-24S15
18-36 VDC
15 VDC
0 mA
1330 mA
20 mA
924 mA
90
2000uF
EC7B-24D12
18-36 VDC
±12 VDC
42 mA
±835 mA
20 mA
928 mA
90
1000uF
EC7B-24D15
18-36 VDC
±15 VDC
33 mA
±670 mA
20 mA
930 mA
90
800uF
EC7B-48S18
36-75 VDC
1.8 VDC
0 mA
6000 mA
30 mA
262 mA
86
6000uF
EC7B-48S25
36-75 VDC
2.5 VDC
0 mA
6000 mA
30 mA
359 mA
87
6000uF
EC7B-48S33
36-75 VDC
3.3 VDC
0 mA
5000 mA
30 mA
386 mA
89
5000uF
EC7B-48S05
36-75 VDC
5 VDC
0 mA
4000 mA
40 mA
463 mA
90
4000uF
EC7B-48S12
36-75 VDC
12 VDC
0 mA
1670 mA
15 mA
469 mA
89
2000uF
EC7B-48S15
36-75 VDC
15 VDC
0 mA
1330 mA
15 mA
472 mA
88
2000uF
EC7B-48D12
36-75 VDC
±12 VDC
42 mA
±835 mA
10 mA
464 mA
90
1000uF
EC7B-48D15
36-75 VDC
±15 VDC
33 mA
±670 mA
10 mA
471 mA
89
800uF
NOTE: 1. Nominal Input Voltage 12, 24, 48VDC


Similar Part No. - EC7B

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC7B-20-35.000M ECLIPTEK-EC7B-20-35.000M Datasheet
126Kb / 3P
CRYSTAL
EC7B-20-35000M ECLIPTEK-EC7B-20-35000M Datasheet
126Kb / 3P
CRYSTAL
EC7B-35.000M ECLIPTEK-EC7B-35.000M Datasheet
126Kb / 3P
CRYSTAL
EC7B-35000M ECLIPTEK-EC7B-35000M Datasheet
126Kb / 3P
CRYSTAL
EC7B-S-35.000M ECLIPTEK-EC7B-S-35.000M Datasheet
126Kb / 3P
CRYSTAL
More results

Similar Description - EC7B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC3A05H ETC2-EC3A05H Datasheet
183Kb / 3P
3 WATT 2 1 INPUT RANGE DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC1SC01 CINCON-EC1SC01 Datasheet
195Kb / 2P
20 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
EC3AB CINCON-EC3AB Datasheet
200Kb / 2P
3 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC3A-E CINCON-EC3A-E Datasheet
257Kb / 2P
3 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC3SCW CINCON-EC3SCW Datasheet
193Kb / 2P
20-30 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
EC4AB CINCON-EC4AB Datasheet
215Kb / 2P
5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4BE CINCON-EC4BE Datasheet
187Kb / 2P
10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC5BE CINCON-EC5BE Datasheet
198Kb / 2P
15 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC7A CINCON-EC7A Datasheet
213Kb / 2P
10 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC7C CINCON-EC7C Datasheet
192Kb / 2P
40 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com