Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB3200A Datasheet(PDF) 7 Page - Texas Instruments

Part # TUSB3200A
Description  USB STREAMING CONTROLLER (STC)
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200A Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB3200A Datasheet HTML 3Page - Texas Instruments TUSB3200A Datasheet HTML 4Page - Texas Instruments TUSB3200A Datasheet HTML 5Page - Texas Instruments TUSB3200A Datasheet HTML 6Page - Texas Instruments TUSB3200A Datasheet HTML 7Page - Texas Instruments TUSB3200A Datasheet HTML 8Page - Texas Instruments TUSB3200A Datasheet HTML 9Page - Texas Instruments TUSB3200A Datasheet HTML 10Page - Texas Instruments TUSB3200A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 93 page
background image
1–1
1 Introduction
The TUSB3200A integrated circuit (IC) is a universal serial bus (USB) peripheral interface device designed
specifically for applications that require isochronous data streaming. Applications include digital speakers, which
require the streaming of digital audio data between the host PC and the speaker system via the USB connection. The
TUSB3200A device is fully compatible with the USB Specification Version 1.1 and the USB Audio Class Specification.
The TUSB3200A uses a standard 8052 microcontroller unit (MCU) core with on-chip memory. The MCU memory
includes 4K bytes of program memory ROM that contains a boot loader program. At initialization, the boot loader
program downloads the application program code to an 8K RAM from a nonvolatile memory on the printed-circuit
board (PCB). The MCU handles all USB control, interrupt and bulk endpoint transactions. In addition, the MCU can
handle USB isochronous endpoint transactions.
The USB interface includes an integrated transceiver that supports 12 Mb/s (full speed) data transfers. In addition
to the USB control endpoint, support is provided for up to seven in endpoints and seven out endpoints. The USB
endpoints are fully configurable by the MCU application code using a set of endpoint configuration blocks that reside
in on-chip RAM. All USB data transfer types are supported.
The TUSB3200A device also includes a codec port interface (C-Port) that can be configured to support several
industry standard serial interface protocols. These protocols include the audio codec (AC) ’97 Revision 1.X, the audio
codec (AC) ’97 Revision 2.X and several Inter-IC sound (I2S) modes.
A direct memory access (DMA) controller with four channels is provided for streaming the USB isochronous data
packets to/from the codec port interface. Each DMA channel can support one USB isochronous endpoint.
An on-chip phase lock loop (PLL) and adaptive clock generator (ACG) provide support for the USB synchronization
modes, which include asynchronous, synchronous and adaptive.
Other on-chip MCU peripherals include an Inter-IC control (I2C) serial interface, two general-purpose input/output
(GPIO) ports, and a pulse width modulation (PWM) output.
The TUSB3200A device is implemented in a 3.3-V 0.25
µm CMOS technology. In addition, the use of 5-V compatible
input/output buffers for the codec port interface allows the TUSB3200A device to be connected to either 3.3-V or 5-V
codec devices.
1.1
Features
•
Universal Serial Bus (USB)
•
USB Specification version 1.1 compatible
•
USB Audio Class Specification 1.0 compatible
•
Integrated USB transceiver
•
Supports 12 Mb/s data rate (full speed)
•
Supports suspend/resume and remote wake-up
•
Supports control, interrupt, bulk and isochronous data transfer types
•
Supports up to a total of 7 in endpoints and 7 out endpoints in addition to the control endpoint
•
Data transfer type, data buffer size, single or double buffering is programmable for each endpoint
•
On-chip adaptive clock generator (ACG) supports asynchronous, synchronous and adaptive
synchronization modes for isochronous endpoints
•
To support synchronization for streaming USB audio data, the ACG can be used to generate the master
clock for the codec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com