Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1BA Datasheet(PDF) 1 Page - Fox Electronics

Part # C1BA
Description  2.0 x 1.6mm Auto Grade Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

C1BA Datasheet(HTML) 1 Page - Fox Electronics

  C1BA Datasheet HTML 1Page - Fox Electronics C1BA Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.0 x 1.6mm Auto Grade Crystal
C1BA
(former FXA2016B)
DATASHEET
Reference / Comments
Title / Description: C1BA SERIES STANDARD SPECIFICATIONS
7/21/2020
– Added thickness info to termination metals, adjusted MSL info
to include J-ST D-033 and N/A
© Copyright 2020 Fox Electronics. All rights reserved
Drawing Number: C1BA-DOC-2
Size: A
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Date: 07/21/2020
• AEC Q200 Qualified
• IATF-16949 QMS
• Tolerances down to ±10 PPM
• Stabilities down to ±20 PPM
• SPECIFICATIONS
PARAMETERS
MAX (unless otherwise noted)
Frequency Range
16.000 ~ 54.000 MHz
~ 52.000 MHz
Frequency Tolerance @ 25ºC
(See options on page 2)
Frequency Stability, ref @ 25ºC
(See options below)
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
See options below
-55ºC ~ +150ºC
Shunt Capacitance (C0)
3 pF
Load Capacitance (CL)
(See options on page 2)
Drive Level
100 µW
Aging per year
±5 PPM
Maximum Soldering Temp / Time
260ºC / 10 Seconds x 2
Moisture Sensitivity Level (MSL) per
J-STD-033
N/A
Termination Finish
Au (0.3~1.0µm) over Ni (1.27~8.89µm)
Seal Method
Seam
Lead (Pb) Free
Yes
RoHS Compliant
Yes, no exemptions
REACH Compliant (latest version)
Yes
Frequency Range
(MHz)
Operating Mode
Max ESR
Ω
16.000 ~ 19.199999
Fundamental
200
19.200 ~ 25.999999
Fundamental
100
26.000 ~ 35.999999
Fundamental
80
36.000 ~ 54.000
Fundamental
60
Note: Dimensional drawing is for reference to critical specifications
defined by size measurements.
•Available Operating Temperatures and Stabilities
Key: O=Available, X=Not Available,
Operating
Temperature
±20 PPM
±25 PPM
±30 PPM
±50 PPM
±100 PPM
-40 ~ +85ºC
O
O
O
O
O
-40 ~ +105ºC
X
X
O
O
O
-40 ~ +125ºC
X
X
X
O
O
-55 ~ +125ºC
X
X
X
O
O


Similar Part No. - C1BA

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
C1BQ FOX-C1BQ Datasheet
292Kb / 2P
2.0 x 1.6mm Ceramic SMD Crystal
C1BS FOX-C1BS Datasheet
272Kb / 2P
2.0x1.6mm Ceramic SMD Crystal
logo
CW Industries
C1BXS-1036M CWIND-C1BXS-1036M Datasheet
566Kb / 1P
CONNECTOR
More results

Similar Description - C1BA

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
TX20SA ACT-TX20SA Datasheet
648Kb / 2P
TCXO, 2.0 x 1.6mm, Clipped sine wave
25042016
2016H-SMX-4 ACT-2016H-SMX-4 Datasheet
178Kb / 1P
2.0 x 1.6mm crystal unit
2016-SMX-4 ACT-2016-SMX-4 Datasheet
198Kb / 2P
2.0 x 1.6mm crystal unit
01/2/2017
logo
Vectron International, ...
VXM9 VECTRON-VXM9 Datasheet
405Kb / 3P
2.0 x 1.6mm Crystal
logo
Abracon Corporation
ABH4B ABRACON-ABH4B Datasheet
1Mb / 2P
INDUSTRIAL GRADE 7.0 x 5.0 x 1.6mm GLASS SEALED 4 PADS SMD CRYSTAL
02.15.10
logo
Fox Electronics
C1BQ FOX-C1BQ Datasheet
292Kb / 2P
2.0 x 1.6mm Ceramic SMD Crystal
C2BA FOX-C2BA Datasheet
270Kb / 2P
2.5 x 2.0mm Auto Grade Crystal
C3BA FOX-C3BA Datasheet
275Kb / 2P
3.2 x 2.5mm Auto Grade Crystal
C5BA FOX-C5BA Datasheet
273Kb / 2P
5 x 3.2mm Auto Grade Crystal
C7BA FOX-C7BA Datasheet
269Kb / 2P
7 x 5mm Auto Grade Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com