Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C4SD Datasheet(PDF) 1 Page - Fox Electronics

Part # C4SD
Description  Resistance Weld SMD Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

C4SD Datasheet(HTML) 1 Page - Fox Electronics

  C4SD Datasheet HTML 1Page - Fox Electronics C4SD Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Resistance Weld SMD Crystal
C4SD
(former HC49SDLF)
DATASHEET
© Copyright 2019 Fox Electronics. All rights reserved
Title / Description: C4SD SERIES STANDARD SPECIFICATIONS
Drawing Number: C4SD-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson: MAJ
Approved: BEC
Revision Date: 06/10/2019
Page 1 of 2
•
Tolerances down to ±10ppm
•
Stabilities down to ±5ppm
•
Temperature Ranges as wide as -55ºC to +125ºC
Frequency Range (MHz)
Operating Mode
Max
ESR Ω
3.200 ~ 3.500
Fundamental
300
>3.500 ~ 4.000
Fundamental
200
>4.000 ~ 5.000
Fundamental
150
>5.000 ~ 6.000
Fundamental
120
>6.000 ~ 7.000
Fundamental
100
>7.000 ~ 9.000
Fundamental
80
>9.000 ~ 13.000
Fundamental
60
>13.000 ~ 20.000
Fundamental
40
>20.000 ~ 40.000
Fundamental
30
24.000 ~ 70.000
3rd OT
100
>70.000 ~ 80.000
3rd OT
70
•Available Operating Temperatures and Stabilities*
Stability Temperature
±5 PPM
±10 PPM
±15 PPM
±20 PPM
±25 PPM
±30 PPM
±50 PPM
±100 PPM
-10 to +60ºC
O
O
O
O
O
O
O
O
-20 to +70ºC
∆
O
O
OO
O
O
O
-40 to +85ºC
X
X
O
OO
O
O
O
-40 to +105ºC
X
X
X
XX
∆
O
O
-40 to +125ºC
X
X
X
X
X
X
∆
O
-55 to +125ºC
X
X
X
XX
X
∆
O
Key: O=Available, X=Not Available, ∆=Consult Fox Technical Support
* Does Not imply a stocked part
• SPECIFICATIONS
PARAMETERS
MAX (unless otherwise noted)
Frequency Range
3.200 ~ 80.000 MHz
Frequency Tolerance @ 25ºC
(see options on page 2)
Frequency Stability, ref @ 25ºC (see options below)
Temperature Range
Operating
Storage
(TOPR)
(TSTG)
(see options below)
-55ºC ~ +125ºC
Shunt Capacitance
(Co)
7pF
Load Capacitance
(CL)
(see options on page 2)
Drive Level
0.5 mW (0.1 mW typical)
Aging per year
±3 PPM
Maximum Soldering Temp / Time 260ºC / 10 Seconds x 2
Moisture Sensitivity Level (MSL) 1
Termination Finish:
Sn/Ag3/Cu0.5
Seal Method
Resistance Weld
Lead (Pb) Free
Yes
RoHS Compliant
Yes - No Exemptions
Note: Dimensional drawing is for reference to critical specifications
defined by size measurements. Certain non-critical visual
attributes, such as side castellations, etc. may vary.
Dimensions are in millimeters.


Similar Part No. - C4SD

ManufacturerPart #DatasheetDescription
logo
Cree LED
C4SMA CREELED-C4SMA Datasheet
731Kb / 9P
Screen Master® 4-mm Oval LEDs: C4SMA-RGY/GGY/BGY
logo
Cree, Inc
C4SMA-BGF CREE-C4SMA-BGF Datasheet
899Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMA-BGF-CR2T3351 CREE-C4SMA-BGF-CR2T3351 Datasheet
899Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMA-BGF-CR2T3352 CREE-C4SMA-BGF-CR2T3352 Datasheet
899Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMA-BGF-CR34Q3C1 CREE-C4SMA-BGF-CR34Q3C1 Datasheet
899Kb / 9P
Cree Screen Master 4-mm Oval LED
More results

Similar Description - C4SD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HC49SD ETC2-HC49SD Datasheet
69Kb / 1P
RESISTANCE WELD SMD CRYSTAL
logo
Fox Electronics
HC49SD FOX-HC49SD Datasheet
70Kb / 1P
RESISTANCE WELD SMD CRYSTAL
HC49SDLF FOX-HC49SDLF Datasheet
175Kb / 2P
Resistance Weld SMD Crystal
HC49SSD FOX-HC49SSD Datasheet
71Kb / 1P
RESISTANCE WELD SMD CRYSTAL
HC49SSDLF FOX-HC49SSDLF Datasheet
176Kb / 2P
SMD Resistance Weld Crystal
HC49SDLF FOX-HC49SDLF_13 Datasheet
449Kb / 2P
Resistance Weld SMD Crystal
FOXSDLF FOX-FOXSDLF Datasheet
350Kb / 3P
Resistance Weld SMD Crystal
HC49SDLF FOX-HC49SDLF_14 Datasheet
175Kb / 3P
Resistance Weld SMD Crystal
C9SD FOX-C9SD Datasheet
184Kb / 2P
Resistance Weld SMD Crystal
logo
Renesas Technology Corp
278-25-336 RENESAS-278-25-336 Datasheet
267Kb / 3P
Resistance Weld SMD Crystal
2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com