Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C7AS Datasheet(PDF) 1 Page - Fox Electronics

Part # C7AS
Description  7.5x5.0mm Ceramic SMD Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

C7AS Datasheet(HTML) 1 Page - Fox Electronics

  C7AS Datasheet HTML 1Page - Fox Electronics C7AS Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
7.5x5.0mm Ceramic SMD Crystal
 
C7AS
(Former FE)
DATASHEET
 
Copyright 2019Fox Electronics. All rights reserved
Title/Description: C7AS Series Standard Specifications
Drawing Number: C7AS-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson: MAJ
Approved: BEC
Revision Date: 10/24/2019
Page 1 of 2
Tolerances down to ±30 PPM
Stabilities down to ±15 PPM
Temperature Ranges as wide as -40ºC to +85ºC
Available above 50MHz (3rd & 5th Overtone Modes)
ELECTRICAL CHARACTERISTICS
PARAMETERS
MAX (unless otherwise noted)
Frequency Range
6.000 ~ 160.000 MHz
Frequency Tolerance @ 25ºC
(See options on page 2)
Frequency Stability, ref @ 25ºC
(See options below)
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
(See options below)
-40ºC ~ +85ºC
Shunt Capacitance (Co)
5 pF
Load Capacitance (CL)
(See options on page 2)
Drive Level
0.5 mW
Aging per year
±5 PPM
Maximum Soldering Temp / Time
260ºC / 10 Seconds x 2
Moisture Sensitivity Level (MSL)
1
Termination Finish
Au over Ni
Seal Method
Resin
Lead (Pb) Free
Yes
RoHS/REACH Compliant
Yes
Frequency Range
(MHz)
Operating Mode
Max ESR
(Ω)
6.000 ~ 7.999
Fundamental
80
8.000 ~9.999
Fundamental
60
10.000 ~ 15.999
Fundamental
50
16.000 ~ 50.000
Fundamental
40
28.000 ~ 84.000
3rd Overtone
60
>84.000 ~ 160.000
5th Overtone
80
Available Operating Temperatures and Stabilities*
Operating
Temperature
±15PPM
±20PPM
±25PPM
±30PPM
±50PPM
0 ~ +70ºC
O
O
O
O
O
-10 ~+60ºC
O
O
O
O
O
-10 ~ +70ºC
O
O
O
O
O
-20 ~ +70ºC
O
O
O
O
O
-30 ~ +85ºC
X
O
O
O
O
-40 ~ +85ºC
X
O
O
O
O
Key: O=Available, X=Not Available, ∆=Consult Fox Technical Support
*Does not imply a stocked part.
DIMENSIONS (mm)
Note: Dimensional drawing is for reference to critical
specifications defined by size measurements. Certain non-
critical visual attributes, such as side castellations, etc. may
vary.
 
 
  


Similar Part No. - C7AS

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
C7A VCC-C7A Datasheet
77Kb / 2P
Neon Indicator Lamps
C7A-R VCC-C7A-R Datasheet
77Kb / 2P
Neon Indicator Lamps
More results

Similar Description - C7AS

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FX252B FOX-FX252B Datasheet
150Kb / 1P
Ceramic SMD Crystal
FX532 FOX-FX532 Datasheet
218Kb / 2P
Ceramic SMD Crystal
logo
Abracon Corporation
ABM3B ABRACON-ABM3B_08 Datasheet
202Kb / 2P
CERAMIC SMD CRYSTAL
Revised O: 03.11.08
logo
AEL Crystals Ltd
AEL471 AEL-AEL471 Datasheet
77Kb / 1P
7.5x5.0mm Low Current SMD Oscillators - Type 471
logo
Abracon Corporation
ABM3B-10.000MHZ-10-1-U-T ABRACON-ABM3B-10.000MHZ-10-1-U-T Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL
04.19.13
ABM3B ABRACON-ABM3B_13 Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL
04.19.13
logo
Fox Electronics
FX252BS FOX-FX252BS Datasheet
506Kb / 2P
Ceramic SMD Crystal
logo
List of Unclassifed Man...
ABM3C-15.000MHZ-D4Y-T ETC2-ABM3C-15.000MHZ-D4Y-T Datasheet
1Mb / 3P
CERAMIC SMD CRYSTAL
logo
Fox Electronics
FX252BS-20.000 FOX-FX252BS-20.000 Datasheet
236Kb / 2P
Ceramic SMD Crystal
logo
Abracon Corporation
ABM3B-155-12.800MHZ ABRACON-ABM3B-155-12.800MHZ Datasheet
570Kb / 3P
CERAMIC SMD CRYSTAL
11.8.2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com