| Electronic Components Datasheet Search |
|
USB2224 Datasheet(PDF) 13 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB2224 Datasheet(HTML) 13 Page - SMSC Corporation |
|
13 / 20 page ![]() Bus Powered USB2.0 Flash Media Controller Datasheet SMSC USB2224 Page 13 Revision 1.3 (09-21-04) DATASHEET NAME SYMBOL BUFFER TYPE DESCRIPTION Memory Address Bus MA[15:0] O8 These signals address memory locations within the external memory. Memory Read Strobe nMWR O8 Program Memory Write; active low Memory Read Strobe nMRD O8 Program Memory Read; active low Memory Chip Enable nMCE O8 Program Memory Chip Enable; active low. This signal is asserted, when the device is not is SUSPEND mode. Note: This signal is held in a logic ‘high’ state (inactive) during nRESET assertion. MISC GPIO6, ROMEN and RXD GPIO6 /ROMEN I/O8PU This pin has an internal weak pullup resistor that can be enabled or disabled by the state of nRESET. The pullup is enabled when nRESET is active. The pullup is disabled, when the nRESET is inactive (some clock cycles later, after the rising edge of nRESET). The state of this pin is latched internally on the rising edge of nRESET to determine if internal or external program memory is used. The state latched is stored in ROMEN bit of GPIO_IN1 register. After the rising edge of nRESET, this pin may be used as GPIO6 or RXD. When pulled low via an external weak pulldown resistor, an external program memory should be connected to the memory data bus. The USB2224 uses this external bus for program execution. When this pin is left unconnected or pulled high by a weak pullup resistor, the USB2224 uses the internal ROM for program execution. This pin’s function while operating from internal ROM is shown in Table 6.3 - GPIO Usage. General Purpose I/O GPIO1 I/O8 This pin may be used either as input, edge sensitive interrupt input, or output. This pin’s function while operating from internal ROM is shown in Table 6.3 - GPIO Usage. General Purpose I/O GPIO2 I/O8 This pin may be used either as input, edge sensitive interrupt input, or output. This pin’s function while operating from internal ROM is shown in Table 6.3 - GPIO Usage. General Purpose I/O GPIO3 I/O8 This pin may be used either as input, edge sensitive interrupt input, or output. This pin’s function while operating from internal ROM is shown in Table 6.3 - GPIO Usage. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |