Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2231 Datasheet(PDF) 17 Page - SMSC Corporation

Part # USB2231
Description  5th GENERATION HI-SPEED USB FLASH MEDIA AND CIR CONTROLLER WITH INTEGRATED CARD POWER FETs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2231 Datasheet(HTML) 17 Page - SMSC Corporation

Back Button USB2231 Datasheet HTML 13Page - SMSC Corporation USB2231 Datasheet HTML 14Page - SMSC Corporation USB2231 Datasheet HTML 15Page - SMSC Corporation USB2231 Datasheet HTML 16Page - SMSC Corporation USB2231 Datasheet HTML 17Page - SMSC Corporation USB2231 Datasheet HTML 18Page - SMSC Corporation USB2231 Datasheet HTML 19Page - SMSC Corporation USB2231 Datasheet HTML 20Page - SMSC Corporation USB2231 Datasheet HTML 21Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
5th Generation Hi-Speed USB Flash Media and CIR Controller with Integrated Card Power FETs
Datasheet
SMSC USB2231/USB2232
17
Revision 1.3 (07-12-05)
DATASHEET
Crystal Output
XTAL2
OCLKx
24Mhz Crystal
This is the other terminal of the crystal, or left open
when an external clock source is used to drive
XTAL1/CLKIN. It may not be used to drive any external
circuitry other than the crystal circuit.
MEMORY/IO INTERFACE
Memory Data Bus
MD[7:0]
IO8
When ROMEN bit of GPIO_IN1 register = 0, these
signals are used to transfer data between the internal
CPU and the external program memory.
These pins have internally controlled weak pull-up
resistors.
Memory Address
Bus
MA[15:3]
O8
These signals address memory locations within the
external memory.
Memory Address
Bus
MA3/
TX_POL
I/O8PU
MA3 Addresses memory locations within the external
memory.
During nRESET assertion, TX_POL will select the
operating polarity of the IR LED (active high or active
low) and the weak pull-up resistor will be enabled.
When nRESET is negated, the value on this pin will be
internally latched and this pin will revert to MA3
functionality, the internal pull-up will be disabled.
Memory Address
Bus
MA2/
SEL_CLKDRV
I/O8PD
MA2 Addresses memory locations within the external
memory.
SEL_CLKDRV. During nRESET assertion, this pins will
select the operating clock mode (crystal or externally
driven clock source), and a weak pull-down resistor is
enabled. When nRESET is negated, the value will be
internally latched and this pin will revert to MA2
functionality, the internal pull-down will be disabled.
‘0’ = Crystal operation (24MHz only)
‘1’ = Externally driven clock source (24MHz or 48MHz)
Note:
If the latched value is ‘1’, then the MA2 pin is
tri-stated when the following conditions are
true:
1. IDLE bit (PCON.0) is 1.
2. INT2 is negated
3. SLEEP bit of CLOCK_SEL is 1.
If the latched value is ‘0’, then the MA2 pin will function
identically to the MA[15:3] pins at all times (other than
during nRESET assertion).
Table 6.1 USB2231/USB2232 Pin Descriptions
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com