Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT75L03 Datasheet(PDF) 73 Page - Exar Corporation

Part # XRT75L03
Description  THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75L03 Datasheet(HTML) 73 Page - Exar Corporation

Back Button XRT75L03 Datasheet HTML 69Page - Exar Corporation XRT75L03 Datasheet HTML 70Page - Exar Corporation XRT75L03 Datasheet HTML 71Page - Exar Corporation XRT75L03 Datasheet HTML 72Page - Exar Corporation XRT75L03 Datasheet HTML 73Page - Exar Corporation XRT75L03 Datasheet HTML 74Page - Exar Corporation XRT75L03 Datasheet HTML 75Page - Exar Corporation XRT75L03 Datasheet HTML 76Page - Exar Corporation XRT75L03 Datasheet HTML 77Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
XRT75L03
THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
REV. 1.0.4
70
TABLE 26: ALARM STATUS REGISTER - CHANNEL 0 ADDRESS LOCATION = 0X03
Channel 1 Address Location = 0x0B
Channel 2 Address Location = 0x13
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Unused
Loss of PRBS
Pattern Sync
Digital LOS
Defect
Declared
Analog LOS
Defect
Declared
FL
(FIFO Limit)
Alarm
Declared
Receive LOL
Defect
Declared
Receive LOS
Defect
Declared
Transmit
DMO
Condition
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
0
0000
000
BIT NUMBER
NAME
TYPE
DEFAULT
VALUE
DESCRIPTION
7Unused
R/O
0
6
Loss of PRBS Pat-
tern Lock
R/O
0
Loss of PRBS Pattern Lock Indicator:
This READ-ONLY bit-field indicates whether or not the
PRBS Receiver (within the Receive Section of Channel 0)
is declaring PRBS Lock within the incoming PRBS pattern.
If the PRBS Receiver detects a very large number of bit-
errors within its incoming data-stream, then it will declare
the Loss of PRBS Lock Condition.
Conversely, if the PRBS Receiver were to detect its pre-
determined PRBS pattern with the incoming DS3, E3 or
STS-1 data-stream, (with little or no bit errors) then the
PRBS Receiver will clear the Loss of PRBS Lock condition.
0 - Indicates that the PRBS Receiver is currently declaring
the PRBS Lock condition within the incoming DS3, E3 or
STS-1 data-stream.
1 - Indicates that the PRBS Receiver is currently declaring
the Loss of PRBS Lock condition within the incoming DS3,
E3 or STs-1 data-stream.
NOTE: This register bit is only valid if all of the following are
true.
a. The PRBS Generator block (within the Transmit
Section of the Chip is enabled).
b. The PRBS Receiver is enabled.
c. The PRBS Pattern (that is generated by the PRBS
Generator) is somehow looped back into the
Receive Path (via the Line-Side) and in-turn routed
to the receive input of the PRBS Receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com