Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFM40M Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # CFM40M
Description  40W MEDICAL AND ITE OPEN FRAME AC-DC MODULES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM40M Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  CFM40M Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM40M Datasheet HTML 2Page - CINCON ELECTRONICS Corporation CFM40M Datasheet HTML 3Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
V18
1
︳
CFM40M SERIES
40W MEDICAL AND ITE OPEN FRAME
AC-DC MODULES
Features
* Universal Input Range 90~264VAC
* Efficiency to 88% Typical
* Continuous Short Circuit Protection
* No Load Power Consumption<0.3W
* 2”x 3” Size
* Meets 2 MOPP
* Medical and ITE Approved
* Meets IEC/EN60335-1
* Meets EN55011 and EN55032 Class B
MODEL
OUTPUT
VOLTAGE
OUTPUT
CURRENT
RIPPLE &
NOISE
NOTE 2
VOLTAGE
ACCURACY
NOTE 1
LINE
REGULATION
NOTE3
LOAD
REGULATION
NOTE4
% EFF
(Typ.)
NOTE 5
CFM40M033
3.3 V
6 A
50 mV
±1%
±0.5%
±1%
76%
CFM40M050
5 V
6 A
1%
±1%
±0.5%
±1%
80%
CFM40M090
9 V
4.45 A
1%
±1%
±0.5%
±1%
84%
CFM40M120
12 V
3.34 A
1%
±1%
±0.5%
±1%
86%
CFM40M150
15 V
2.67 A
1%
±1%
±0.5%
±1%
87%
CFM40M240
24 V
1.67 A
1%
±1%
±0.5%
±1%
88%
CFM40M300
30 V
1.33 A
1%
±1%
±0.5%
±1%
88%
CFM40M360
36 V
1.11 A
1%
±1%
±0.5%
±1%
88%
CFM40M480
48 V
0.834 A
1%
±1%
±0.5%
±1%
88%
Specifications are subject to change without notice.


Similar Part No. - CFM40M

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CFM40 CINCON-CFM40 Datasheet
415Kb / 3P
40/60 WATT OPEN FRAME AC-DC MODULES
CFM40C CINCON-CFM40C Datasheet
266Kb / 2P
40/60/100 Watt Single Output
CFM40C033-DR CINCON-CFM40C033-DR Datasheet
266Kb / 2P
40/60/100 Watt Single Output
CFM40C050-DR CINCON-CFM40C050-DR Datasheet
266Kb / 2P
40/60/100 Watt Single Output
CFM40C090-DR CINCON-CFM40C090-DR Datasheet
266Kb / 2P
40/60/100 Watt Single Output
More results

Similar Description - CFM40M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFM150M ETC2-CFM150M Datasheet
569Kb / 2P
150W MEDICAL OPEN FRAME AC-DC MODULES WITH PFC
logo
Delta Electronics, Inc.
MDS-040APS15BA DELTA-MDS-040APS15BA Datasheet
898Kb / 11P
MDS Medical AC-DC Open Frame
MDS-040APS24BA DELTA-MDS-040APS24BA Datasheet
833Kb / 11P
MDS Medical AC-DC Open Frame
MDS-040APS12B DELTA-MDS-040APS12B Datasheet
572Kb / 10P
Medical AC-DC Open Frame
MDS-040APS15B DELTA-MDS-040APS15B Datasheet
561Kb / 10P
Medical AC-DC Open Frame
MDS-040APS18B DELTA-MDS-040APS18B Datasheet
578Kb / 10P
Medical AC-DC Open Frame
MDS-065APS18B DELTA-MDS-065APS18B Datasheet
491Kb / 10P
Medical AC-DC Open Frame
logo
CINCON ELECTRONICS Corp...
CFM60M CINCON-CFM60M Datasheet
303Kb / 2P
60W MEDICAL OPEN FRAME AC-DC MODULES
CFM100M CINCON-CFM100M Datasheet
418Kb / 2P
100W MEDICAL&ITE OPEN FRAME AC-DC MODULES WITH PFC
CFM150M CINCON-CFM150M Datasheet
301Kb / 2P
150W MEDICAL AND ITE OPEN FRAME AC-DC MODULES WITH PFC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com