Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFM40M050 Datasheet(PDF) 3 Page - CINCON ELECTRONICS Corporation

Part # CFM40M050
Description  40W MEDICAL AND ITE OPEN FRAME AC-DC MODULES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM40M050 Datasheet(HTML) 3 Page - CINCON ELECTRONICS Corporation

  CFM40M050 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM40M050 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation CFM40M050 Datasheet HTML 3Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
V18
3
Mechanical Specification
ACL
CN1
0.236[6.00]
3.200[81.28]
0.584[14.84]
0.584[14.84]
ACN
1
2
3
4
CN2
2.632[60.00]
0.039[1.00]
2000[50.80]
4-
M
3x
0.
5
0.600[15.24]
CFM40MXXX-C
Typical at 25˚C, nominal line and 75% load, unless otherwise Specified



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com