| Electronic Components Datasheet Search |
|
IN74ACT573 Datasheet(PDF) 2 Page - Integral Corp. |
|
|
|||||||||||||||||||||||||||||
IN74ACT573 Datasheet(HTML) 2 Page - Integral Corp. |
|
2 / 5 page ![]() IN74ACT573 2 MAXIMUM RATINGS* Symbol Parameter Value Unit VCC DC Supply Voltage (Referenced to GND) -0.5 to +7.0 V VIN DC Input Voltage (Referenced to GND) -0.5 to VCC +0.5 V VOUT DC Output Voltage (Referenced to GND) -0.5 to VCC +0.5 V IIN DC Input Current, per Pin ±20 mA IOUT DC Output Sink/Source Current, per Pin ±50 mA ICC DC Supply Current, VCC and GND Pins ±50 mA PD Power Dissipation in Still Air, Plastic DIP+ SOIC Package+ 750 500 mW Tstg Storage Temperature -65 to +150 °C TL Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package) 260 °C *Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/ °C from 65° to 125°C SOIC Package: : - 7 mW/ °C from 65° to 125°C RECOMMENDED OPERATING CONDITIONS Symbol Parameter Min Max Unit VCC DC Supply Voltage (Referenced to GND) 4.5 5.5 V VIN, VOUT DC Input Voltage, Output Voltage (Referenced to GND) 0 VCC V TJ Junction Temperature (PDIP) 140 °C TA Operating Temperature, All Package Types -40 +85 °C IOH Output Current - High -24 mA IOL Output Current - Low 24 mA tr, tf Input Rise and Fall Time * (except Schmitt Inputs) VCC =4.5 V VCC =5.5 V 0 0 10 8.0 ns/V * VIN from 0.8 V to 2.0 V This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND≤(VIN or VOUT)≤VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |