Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFM100M075 Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # CFM100M075
Description  100W MEDICAL&ITE OPEN FRAME AC-DC MODULES WITH PFC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM100M075 Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  CFM100M075 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM100M075 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V20
1
︳
CFM100M SERIES
100W MEDICAL&ITE OPEN FRAME
AC-DC
MODULES
WITH PFC
Features
* Universal Input Range 90 ~ 264VAC
* Medical and ITE Approved
* 3”x 5” Compact Size
* Less than 1 U high
* Industry Standard Pin Out
* Active PFC Meets EN61000-3-2
* High Efficiency up to 92%
* Meets CISPR/FCC Class B
* Remote Voltage Sense
* Over Voltage Protection
* Continuous Short Circuit Protection
* No Load Power Consumption<0.5W
* Meets 2MOPP
* Meets Class I
MODEL
OUTPUT
VOLTAGE
MAX.
LOAD
MIN.
LOAD
RIPPLE &
NOISE
NOTE 1
VOLTAGE
ADJ.RANGE
VOLTAGE
ACCURACY
NOTE2
LINE
REGULATION
NOTE3
LOAD
REGULATION
NOTE4
% EFF.
(Typ.)
NOTE 5
CFM100M050
5 V
20 A
0 A
2%
4.75~5.25
±1%
±0.5%
±1%
83%
CFM100M075
7.5 V
13.4 A
0 A
2%
7.13~7.88
±1%
±0.5%
±1%
87%
CFM100M090
9 V
11.2 A
0 A
1%
8.55~9.45
±1%
±0.5%
±1%
89%
CFM100M120
12 V
8.4 A
0 A
1%
11.4~12.6
±1%
±0.5%
±1%
89%
CFM100M150
15 V
6.7 A
0 A
1%
14.25~15.75
±1%
±0.5%
±1%
90%
CFM100M180
18 V
5.6 A
0 A
1%
17.1~18.9
±1%
±0.5%
±1%
90%
CFM100M240
24 V
4.2 A
0 A
1%
22.8~25.2
±1%
±0.5%
±1%
91%
CFM100M280
28 V
3.6 A
0 A
1%
26.6~29.4
±1%
±0.5%
±1%
90%
CFM100M360
36 V
2.8 A
0 A
1%
34.2~37.8
±1%
±0.5%
±1%
91%
CFM100M480
48 V
2.1 A
0 A
1%
45.6~50.4
±1%
±0.5%
±1%
92%
Specifications are subject to change without notice.


Similar Part No. - CFM100M075

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
CFM100 CAMPBELL-CFM100 Datasheet
426Kb / 2P
CompactFlash Module
06/22/2020
logo
List of Unclassifed Man...
CFM1001S ETC2-CFM1001S Datasheet
547Kb / 2P
10/15 WATT OPEN FRAME AC-DC MODULES
logo
CINCON ELECTRONICS Corp...
CFM1001S CINCON-CFM1001S Datasheet
401Kb / 2P
10/15 WATT OPEN FRAME AC-DC MODULES
logo
List of Unclassifed Man...
CFM1002S ETC2-CFM1002S Datasheet
547Kb / 2P
10/15 WATT OPEN FRAME AC-DC MODULES
logo
CINCON ELECTRONICS Corp...
CFM1002S CINCON-CFM1002S Datasheet
401Kb / 2P
10/15 WATT OPEN FRAME AC-DC MODULES
More results

Similar Description - CFM100M075

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
AC100X INTRONICS-AC100X Datasheet
260Kb / 2P
100 WATT OPEN FRAME AC-DC MODULES WITH PFC
logo
List of Unclassifed Man...
CFM150M ETC2-CFM150M Datasheet
569Kb / 2P
150W MEDICAL OPEN FRAME AC-DC MODULES WITH PFC
logo
Delta Electronics, Inc.
MDS-040APS12B DELTA-MDS-040APS12B Datasheet
572Kb / 10P
Medical AC-DC Open Frame
MDS-040APS15B DELTA-MDS-040APS15B Datasheet
561Kb / 10P
Medical AC-DC Open Frame
MDS-040APS18B DELTA-MDS-040APS18B Datasheet
578Kb / 10P
Medical AC-DC Open Frame
logo
CINCON ELECTRONICS Corp...
CFM40M CINCON-CFM40M Datasheet
542Kb / 3P
40W MEDICAL AND ITE OPEN FRAME AC-DC MODULES
CFM60M CINCON-CFM60M Datasheet
303Kb / 2P
60W MEDICAL OPEN FRAME AC-DC MODULES
CFM150M CINCON-CFM150M Datasheet
301Kb / 2P
150W MEDICAL AND ITE OPEN FRAME AC-DC MODULES WITH PFC
CFM101S CINCON-CFM101S Datasheet
276Kb / 2P
100 WATT OPEN FRAME AC-DC MODULES WITH PFC
CFM130S CINCON-CFM130S Datasheet
649Kb / 5P
130 WATT OPEN FRAME AC-DC MODULES WITH PFC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com