Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8300DIPW Datasheet(PDF) 2 Page - Texas Instruments

Part # DRV8300DIPW
Description  DRV8300: Three-Phase BLDC Gate Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8300DIPW Datasheet(HTML) 2 Page - Texas Instruments

  DRV8300DIPW Datasheet HTML 1Page - Texas Instruments DRV8300DIPW Datasheet HTML 2Page - Texas Instruments DRV8300DIPW Datasheet HTML 3Page - Texas Instruments DRV8300DIPW Datasheet HTML 4Page - Texas Instruments DRV8300DIPW Datasheet HTML 5Page - Texas Instruments DRV8300DIPW Datasheet HTML 6Page - Texas Instruments DRV8300DIPW Datasheet HTML 7Page - Texas Instruments DRV8300DIPW Datasheet HTML 8Page - Texas Instruments DRV8300DIPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison Table...............................................3
6 Pin Configuration and Functions...................................4
7 Specifications.................................................................. 6
7.1 Absolute Maximum Ratings ....................................... 6
7.2 ESD Ratings Comm ...................................................6
7.3 Recommended Operating Conditions ........................6
7.4 Thermal Information ...................................................7
7.5 Electrical Characteristics ............................................7
7.6 Timing Diagrams.........................................................9
8 Detailed Description......................................................10
8.1 Overview................................................................... 10
8.2 Functional Block Diagram......................................... 11
8.3 Feature Description...................................................13
8.4 Device Functional Modes..........................................15
9 Application and Implementation.................................. 16
9.1 Application Information............................................. 16
9.2 Typical Application.................................................... 17
10 Power Supply Recommendations..............................20
11 Layout........................................................................... 21
11.1 Layout Guidelines................................................... 21
11.2 Layout Example...................................................... 21
12 Device and Documentation Support..........................22
12.1 Device Support....................................................... 22
12.2 Documentation Support.......................................... 22
12.3 Related Links.......................................................... 22
12.4 Receiving Notification of Documentation Updates..22
12.5 Support Resources................................................. 22
12.6 Trademarks.............................................................22
12.7 Electrostatic Discharge Caution..............................22
12.8 Glossary..................................................................22
13 Mechanical, Packaging, and Orderable
Information.................................................................... 22
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
September 2020
*
Initial Release
DRV8300
SLVSFG5 – SEPTEMBER 2020
www.ti.com
2
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DRV8300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com