Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFM200M Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # CFM200M
Description  200 WATT AC-DC POWER SUPPLY WITH PFC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM200M Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  CFM200M Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM200M Datasheet HTML 2Page - CINCON ELECTRONICS Corporation CFM200M Datasheet HTML 3Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
V16
2
Specifications
CFM200M Series De-rating Curve
INPUT SPECIFICATIONS:
Voltage …....…………...…............................................... 90~264Vac
120~370Vdc
Frequency ………………………………………………………..... 47 to 63Hz
Inrush Current ……………….…………....................... 100A max. @240Vac
Leakage Current (Earth)
…………………………… 260uA typ., 300uA max.
Touch Current (CFM200MXXXC)
…..……………… 75uA typ., 100uA max.
OUTPUT SPECIFICATIONS:
Total Rated Output Power ……………………………………………… 200W
Hold-
up Time …………………………………………………….…… 10ms typ.
Over Voltage Protection ………………..….…… Recycle AC input to restart
Short Circuit Protection …………....... Hiccup mode(Auto Recovery)
Temperature Coefficient …………………….…………….……….. ±0.05%/℃
GENERAL SPECIFICATIONS:
Isolation
……………………………...………...… Input to output = 4000VAC
Over Temperature Protection
………………………………… Auto Recovery
Operating Temperature ................
…..... - 20 ~ 80℃ (see Derating Curve)
Storage Temperature ……………………………....….......……....... -40~85℃
Humidit
y ………………………..............….. 93% RH max. Non condensing
Switching Frequency .…………............................................. 85KHz Typical
MTBF ….....… MIL-HDBK-217F, GB, 25℃/115VAC ………… 279Khrs typ.
Altitude …………………………………………………………………… 3000m
Dimensions
Open frame versions
……. 4.000x2.000x1.480 Inches(101.60x50.80x37.60mm)
Covered versions ….…… 4.606x2.441x1.594 Inches (117.00x62.00x40.50mm)
Weight
Open frame Versions
…….……………..………..…… 253g (0.558 Pounds)
Covered Versions
……...…………………………..…… 314g (0.692 Pounds)
SAFETY AND EMC:
Emission and Immunity (Ed. 4.0)
…. EN55011 Class B, FCC CFR 47 pat 18
IEC61000-3-2, 3, IEC61000-4-2, 3, 4, 5, 6, 8, 11
Safety (Ed. 3.1)
……………. Class I & Class II, IEC60601-1:2005+A1:2012
EN60601-1:2006+A11:2011+A1+A12, UL ANSI/AAMI ES60601-1
NOTE:
1. Add a 0.1uF ceramic capacitor and a 47uF E.L. capacitor to output for
ripple&noise measuring @20MHz BW.
2. Voltage accuracy is set at 60% rated load and 25℃ Ta.
3. Line regulation is measured from High Line to Low Line with rated load.
4. Load regulation is measured from full to 10% rated.
5. Typical efficiency at 230 VAC and full load at 25℃.
6. 12V/0.3A with nature convection; 12V/0.5A with 10 CFM air flow,
tolerance ±10% at main output 10-100% full load.
7. Need an external 1mH choke at input for Class II type to pass EN55011 Class B.
8. Input connectors (CN1) wafer with TAIWAN KING PIN TERMINAL PVHI
series and mate with JST Housing VHR series or equivalent.
9. Fan output connector wafer with TOWNES ENTERPRISE 2001BW
series and mate with JST Housing PHR series and JST SPH series
crimp terminal or equivalent.
10. Output connectors (Vo+ & Vo- with M3 screw) mate with round terminal
and round terminal of the max outer diameter is 6.75mm, max inner
diameter is 3.9mm.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com