Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2123 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF2123
Description  Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF2123 Datasheet HTML 1Page - NXP Semiconductors PCF2123 Datasheet HTML 2Page - NXP Semiconductors PCF2123 Datasheet HTML 3Page - NXP Semiconductors PCF2123 Datasheet HTML 4Page - NXP Semiconductors PCF2123 Datasheet HTML 5Page - NXP Semiconductors PCF2123 Datasheet HTML 6Page - NXP Semiconductors PCF2123 Datasheet HTML 7Page - NXP Semiconductors PCF2123 Datasheet HTML 8Page - NXP Semiconductors PCF2123 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
PCA85063A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 30 March 2018
2 of 59
NXP Semiconductors
PCA85063A
Automotive Real-Time Clock/calendar with alarm function and I2C-bus
4.
Ordering information
4.1 Ordering options
5.
Marking
6.
Block diagram
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCA85063ATT
TSSOP8
plastic thin shrink small outline package;
8 leads; body width 3 mm
SOT505-1
Table 2.
Ordering options
Product type number
Orderable part number Sales item
(12NC)
Delivery form
IC
revision
PCA85063ATT/A
PCA85063ATT/AJ
935305541118
tape and reel, 13 inch
1
Table 3.
Marking codes
Product type number
Marking code
PCA85063ATT/A
063Q
Fig 1.
Block diagram of PCA85063A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com