Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS273 Datasheet(PDF) 4 Page - ON Semiconductor

Part # SN74LS273
Description  LOW POWER SCHOTTKY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LS273 Datasheet(HTML) 4 Page - ON Semiconductor

  SN74LS273 Datasheet HTML 1Page - ON Semiconductor SN74LS273 Datasheet HTML 2Page - ON Semiconductor SN74LS273 Datasheet HTML 3Page - ON Semiconductor SN74LS273 Datasheet HTML 4Page - ON Semiconductor SN74LS273 Datasheet HTML 5Page - ON Semiconductor SN74LS273 Datasheet HTML 6Page - ON Semiconductor SN74LS273 Datasheet HTML 7Page - ON Semiconductor SN74LS273 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SN74LS273
http://onsemi.com
4
1.3 V
*The shaded areas indicate when the input is permitted to
*change for predictable output performance.
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
CP
D
Qn
ts(H)
th(H)
ts(L)
th(L)
1/f max
tPLH
tPLH
tPHL
tPHL
MR
CP
Qn
Qn
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
trec
tPHL
tPLH
tW
1.3 V
1.3 V
1.3 V
*
tW
Figure 1. Clock to Output Delays, Clock Pulse Width,
Frequency, Setup and Hold Times Data to Clock
Figure 2. Master Reset to Output Delay, Master Reset
Pulse Width, and Master Reset Recovery Time
AC WAVEFORMS
DEFINITION OF TERMS
SETUP TIME (ts) — is defined as the minimum time
required for the correct logic level to be present at the logic
input prior to the clock transition from LOW-to-HIGH in
order to be recognized and transferred to the outputs.
HOLD TIME (th) — is defined as the minimum time
following the clock transition from LOW-to-HIGH that the
logic level must be maintained at the input in order to ensure
continued recognition. A negative HOLD TIME indicates
that the correct logic level may be released prior to the clock
transition from LOW-to-HIGH and still be recognized.
RECOVERY TIME (trec) — is defined as the minimum time
required between the end of the reset pulse and the clock
transition from LOW-to-HIGH in order to recognize and
transfer HIGH data to the Q outputs.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com