Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74LS04D Datasheet(PDF) 2 Page - Integral Corp.

Part # IN74LS04D
Description  Hex Inverters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74LS04D Datasheet(HTML) 2 Page - Integral Corp.

  IN74LS04D Datasheet HTML 1Page - Integral Corp. IN74LS04D Datasheet HTML 2Page - Integral Corp. IN74LS04D Datasheet HTML 3Page - Integral Corp. IN74LS04D Datasheet HTML 4Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IN74LS04
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
7.0
V
VIN
Input Voltage
7.0
V
VOUT
Output Voltage
7.0
V
Tstg
Storage Temperature Range
-65 to +150
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
4.75
5.25
V
IOH
High Level Output Current
-400
V
IOL
Low Level Output Current
8.0
V
TA
Ambient Temperature Range
0
+70
°C
DC ELECTRICAL CHARACTERISTICS over full operating conditions
Guaranteed Limit
Symbol
Parameter
Test Conditions
Min
Max
Unit
VIH
High Level Input Voltage
2
V
VIL
Low Level Input Voltage
0.8
V
VIK
Input Clamp Voltage
VCC = min, II = -18 mA
-1.5
V
VOH
High Level Output Current
VCC = min, VIL =max
IOH = max
2.7
V
VOL
Low Level Output Voltage
VCC = min, VIH =min,
IOL = 8 mA
0.5
V
II
Input Current at maximum input
voltage
VCC = max, VI = -7V
0.1
mA
IIH
High Level Input Current
VCC = max, VIN = 2.7 V
20
µA
IIL
Low Level Input Current
VCC = max, VIN = 0.4 V
-0.4
mA
IOS
Short-circuit output current
VCC = max (Note)
-20
-100
mA
ICC
Supply Current
VCC = max
Total with
outputs high
2.4
mA
Total with
outputs low
6.6
Note: Not more than one output should be shorted at a time, and duration should not exceed one second.
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com