Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR340 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MBR340
Description  SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40, 50, 60 VOLTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBR340 Datasheet(HTML) 1 Page - Motorola, Inc

  MBR340 Datasheet HTML 1Page - Motorola, Inc MBR340 Datasheet HTML 2Page - Motorola, Inc MBR340 Datasheet HTML 3Page - Motorola, Inc MBR340 Datasheet HTML 4Page - Motorola, Inc MBR340 Datasheet HTML 5Page - Motorola, Inc MBR340 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Rectifier Device Data
Axial Lead Rectifiers
. . . employing the Schottky Barrier principle in a large area metal–to–silicon
power diode. State–of–the–art geometry features epitaxial construction with
oxide passivation and metal overlap contact. Ideally suited for use as rectifiers
in low–voltage, high–frequency inverters, free wheeling diodes, and polarity
protection diodes.
• Extremely Low vF
• Low Power Loss/High Efficiency
• Highly Stable Oxide Passivated Junction
• Low Stored Charge, Majority Carrier Conduction
Mechanical Characteristics:
• Case: Epoxy, Molded
• Weight: 1.1 gram (approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal Leads are
Readily Solderable
• Lead and Mounting Surface Temperature for Soldering Purposes: 220°C
Max. for 10 Seconds, 1/16
″ from case
• Shipped in plastic bags, 5,000 per bag
• Available Tape and Reeled, 1500 per reel, by adding a “RL’’ suffix to the
part number
• Polarity: Cathode indicated by Polarity Band
• Marking: B320, B330, B340, B350, B360
MAXIMUM RATINGS
Rating
Symbol
MBR320
MBR330
MBR340
MBR350
MBR360
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
50
60
V
Average Rectified Forward Current, TA = 65°C
(R
θJA = 28°C/W, P.C. Board Mounting, see Note 3)
IO
3.0
A
Non–Repetitive Peak Surge Current (2)
(Surge applied at rated load conditions, half wave,
single phase 60 Hz, TL = 75°C)
IFSM
80
A
Operating and Storage Junction
Temperature Range (Reverse Voltage applied)
TJ, Tstg
*65 to 150°C
°C
Peak Operating Junction Temperature
(Forward Current applied)
TJ(pk)
150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient (see Note 3, Mounting Method 3)
R
θJA
28
°C/W
ELECTRICAL CHARACTERISTICS (TL = 25°C unless otherwise noted) (2)
Characteristic
Symbol
MBR320
MBR330
MBR340
MBR350
MBR360
Unit
Maximum Instantaneous Forward Voltage (1)
(iF = 1.0 Amp)
(iF = 3.0 Amp)
(iF = 9.4 Amp)
vF
0.500
0.600
0.850
0.600
0.740
1.080
V
Maximum Instantaneous Reverse Current @ Rated dc
Voltage (1)
TL = 25°C
TL = 100°C
iR
0.60
20
mA
(1) Pulse Test: Pulse Width = 300
µs, Duty Cycle = 2.0%.
(2) Lead Temperature reference is cathode lead 1/32
″ from case.
Preferred devices are Motorola recommended choices for future use and best overall value.
© Motorola, Inc. 1996
Order this document
by MBR320/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MBR320
MBR330
MBR340
MBR350
MBR360
SCHOTTKY BARRIER
RECTIFIERS
3.0 AMPERES
20, 30, 40, 50, 60 VOLTS
CASE 267–03
PLASTIC
MBR340 and MBR360 are
Motorola Preferred Devices
Rev 1


Similar Part No. - MBR340

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBR340 ETC-MBR340 Datasheet
10Kb / 1P
SCHOTTKY DIE SPECIFICATION
logo
International Rectifier
MBR340 IRF-MBR340 Datasheet
33Kb / 5P
SCHOTTKY RECTIFIER
logo
ON Semiconductor
MBR340 ONSEMI-MBR340 Datasheet
58Kb / 4P
SCHOTTKY BARRIER RECTIFIER 3.0 AMPERES 40 VOLTS
January, 2002 ??Rev. 3
MBR340 ONSEMI-MBR340 Datasheet
60Kb / 4P
Axial Lead Rectifier
June, 2006 ??Rev. 7
logo
Vishay Siliconix
MBR340 VISHAY-MBR340 Datasheet
83Kb / 5P
Schottky Rectifier, 3 A
06-Nov-08
More results

Similar Description - MBR340

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5820 MOTOROLA-1N5820 Datasheet
168Kb / 6P
SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40 VOLTS
logo
ON Semiconductor
MBR340 ONSEMI-MBR340 Datasheet
58Kb / 4P
SCHOTTKY BARRIER RECTIFIER 3.0 AMPERES 40 VOLTS
January, 2002 ??Rev. 3
logo
Mospec Semiconductor
SRF20120C MOSPEC-SRF20120C Datasheet
171Kb / 2P
SCHOTTKY BARRIER RECTIFIERS 20 AMPERES 120 VOLTS
logo
GOOD-ARK Electronics
SK32A GOOD-ARK-SK32A Datasheet
151Kb / 2P
Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 3.0 Amperes
logo
ON Semiconductor
MBRS360BT3G ONSEMI-MBRS360BT3G Datasheet
141Kb / 7P
SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES, 60 VOLTS
February, 2012 ??Rev. 8
logo
Kersemi Electronic Co.,...
MBRF2060CTG KERSEMI-MBRF2060CTG Datasheet
484Kb / 4P
SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 60 VOLTS
logo
GOOD-ARK Electronics
SB320 GOOD-ARK-SB320_15 Datasheet
170Kb / 2P
Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 3.0 Amperes
SK32A GOOD-ARK-SK32A_15 Datasheet
152Kb / 2P
Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 3.0 Amperes
SK32 GOOD-ARK-SK32_15 Datasheet
157Kb / 2P
Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 3.0 Amperes
1N5820 GOOD-ARK-1N5820_15 Datasheet
183Kb / 2P
Schottky Barrier Rectifiers Reverse Voltage 20 to 40 Volts Forward Current 3.0 Amperes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com