Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THP210DR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # THP210DR
Description  THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THP210DR Datasheet(HTML) 32 Page - Texas Instruments

Back Button THP210DR Datasheet HTML 28Page - Texas Instruments THP210DR Datasheet HTML 29Page - Texas Instruments THP210DR Datasheet HTML 30Page - Texas Instruments THP210DR Datasheet HTML 31Page - Texas Instruments THP210DR Datasheet HTML 32Page - Texas Instruments THP210DR Datasheet HTML 33Page - Texas Instruments THP210DR Datasheet HTML 34Page - Texas Instruments THP210DR Datasheet HTML 35Page - Texas Instruments THP210DR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
9.2.3.2 Measurement Results
Figure 9-17 and Figure 9-18 showcases the measured performance of the discussed circuit with SNR and THD
results.
Table 9-2. THP210 + ADS8912B in Attenuation – FFT Data Summary
ADC VERSION
ADC SPECIFICATION
SAMPLING RATE
INPUT SIGNAL
SNR
THD
ADS8912B
500 kSPS, 18 bit
500 kSPS
fIN = 2 kHz
100.4 dB
–124.2 dB
ADS8912B
500 kSPS, 18 bit
500 kSPS
fIN = 10 kHz
99.1 dB
–120.4 dB
Frequency (Hz)
0
50000
100000
150000
200000
250000
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
fIN = 10 kHz, 99.1-dB SNR, –120.4-dB THD
Figure 9-17. Noise Performance FFT:
THP210 + ADS8914B in Attenuation,
500 kSPS, 18 Bit, fIN = 10 kHz
Frequency (Hz)
0
50000
100000
150000
200000
250000
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
fIN = 2 kHz, 100.4-dB SNR, –124.2-dB THD
Figure 9-18. Noise Performance FFT:
THP210 + ADS8914B in Attenuation,
500 kSPS, 18 Bit, fIN = 2 kHz
10 Power Supply Recommendations
The THP210 operates from supply voltages of 3.0 V to 36 V (±1.5 V to ±18 V for dual supply). Connect ceramic
bypass capacitors from both VS+ and VS– to GND.
THP210
SBOS932B – FEBRUARY 2020 – REVISED OCTOBER 2020
www.ti.com
32
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: THP210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com