Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK6972 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # STK6972
Description  Thick Film Hybrid Integrated Circuit BRIDGE POWER PACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK6972 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  STK6972 Datasheet HTML 1Page - Sanyo Semicon Device STK6972 Datasheet HTML 2Page - Sanyo Semicon Device STK6972 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - STK6972

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK6972C SANYO-STK6972C Datasheet
139Kb / 1P
DC MOTOR DRIVER (2-CHANNELS)
More results

Similar Description - STK6972

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK-0060II SANYO-STK-0060II Datasheet
132Kb / 2P
Thick Film Hybrid Integrated Circuit Output Stage of 60W min AF Power Amplifier
STK-1050 SANYO-STK-1050 Datasheet
66Kb / 2P
50W min AF Power Amplifier Output Stage Integrated Emitter Resistor Thick Film Hybrid Integrated Circuit
logo
List of Unclassifed Man...
STK0040II ETC-STK0040II Datasheet
111Kb / 2P
THICK FILM IC DARLINGTON POWER PACK
logo
Sanyo Semicon Device
STK5314 SANYO-STK5314 Datasheet
53Kb / 2P
Thick Film Hybrid Integrated Circuit VOLTAGE REGULATOR
STK0100II SANYO-STK0100II Datasheet
75Kb / 1P
Thick Film Hybrid Integrated Circuit 100W MIN AF POWER AMP, OUTPUT STAGE (DPP)
STK1060 SANYO-STK1060 Datasheet
61Kb / 2P
INTEGRATED EMITTER RESISTOR THICK FILM FILM HYBRID INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
STK-405 ETC1-STK-405 Datasheet
46Kb / 1P
THICK FILM INTEGRATED CIRCUIT
logo
NEC
MC-5157 NEC-MC-5157 Datasheet
233Kb / 2P
THICK EILM HYBRID INTEGRATED CIRCUIT
MC-5156 NEC-MC-5156 Datasheet
225Kb / 2P
THICK EILM HYBRID INTEGRATED CIRCUIT
logo
Sanyo Semicon Device
STK4141 SANYO-STK4141 Datasheet
85Kb / 2P
Thick Film Hybrid Integrated Circuit 2-CHANNEL 25W MIN AF POWER AMP.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com