Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITE39 Datasheet(PDF) 143 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 143 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 139Page - STMicroelectronics ST7LITE39 Datasheet HTML 140Page - STMicroelectronics ST7LITE39 Datasheet HTML 141Page - STMicroelectronics ST7LITE39 Datasheet HTML 142Page - STMicroelectronics ST7LITE39 Datasheet HTML 143Page - STMicroelectronics ST7LITE39 Datasheet HTML 144Page - STMicroelectronics ST7LITE39 Datasheet HTML 145Page - STMicroelectronics ST7LITE39 Datasheet HTML 146Page - STMicroelectronics ST7LITE39 Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 167 page
background image
ST7LITE3
143/167
EMC CHARACTERISTICS (Cont’d)
13.7.3 Absolute Maximum Ratings (Electrical
Sensitivity)
Based on three different tests (ESD, LU and DLU)
using specific measurement methods, the product
is stressed in order to determine its performance in
terms of electrical sensitivity. For more details, re-
fer to the application note AN1181.
13.7.3.1 Electro-Static Discharge (ESD)
Electro-Static Discharges (a positive then a nega-
tive pulse separated by 1 second) are applied to
the pins of each sample according to each pin
combination. The sample size depends on the
number of supply pins in the device (3 parts*(n+1)
supply pin). Two models can be simulated: Human
Body Model and Machine Model. This test con-
forms to the JESD22-A114A/A115A standard.
Absolute Maximum Ratings
Notes:
1. Data based on characterization results, not tested in production.
13.7.3.2 Static and Dynamic Latch-Up
LU: 3 complementary static tests are required
on 10 parts to assess the latch-up performance.
A supply overvoltage (applied to each power
supply pin) and a current injection (applied to
each input, output and configurable I/O pin) are
performed on each sample. This test conforms
to the EIA/JESD 78 IC latch-up standard. For
more details, refer to the application note
AN1181.
DLU: Electro-Static Discharges (one positive
then one negative test) are applied to each pin
of 3 samples when the micro is running to
assess the latch-up performance in dynamic
mode. Power supplies are set to the typical
values, the oscillator is connected as near as
possible to the pins of the micro and the
component is put in reset mode. This test
conforms to the IEC1000-4-2 and SAEJ1752/3
standards. For more details, refer to the
application note AN1181.
Electrical Sensitivities
Notes:
1. Class description: A Class is an STMicroelectronics internal specification. All its limits are higher than the JEDEC spec-
ifications, that means when a device belongs to Class A it exceeds the JEDEC standard. B Class strictly covers all the
JEDEC criteria (international standard).
Symbol
Ratings
Conditions
Maximum value 1) Unit
VESD(HBM)
Electro-static discharge voltage
(Human Body Model)
TA=+25°C
4000
V
Symbol
Parameter
Conditions
Class 1)
LU
Static latch-up class
TA=+25°C
A
DLU
Dynamic latch-up class
VDD=5.5V, fOSC=4MHz, TA=+25°C
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com