Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITE39 Datasheet(PDF) 144 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 144 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 140Page - STMicroelectronics ST7LITE39 Datasheet HTML 141Page - STMicroelectronics ST7LITE39 Datasheet HTML 142Page - STMicroelectronics ST7LITE39 Datasheet HTML 143Page - STMicroelectronics ST7LITE39 Datasheet HTML 144Page - STMicroelectronics ST7LITE39 Datasheet HTML 145Page - STMicroelectronics ST7LITE39 Datasheet HTML 146Page - STMicroelectronics ST7LITE39 Datasheet HTML 147Page - STMicroelectronics ST7LITE39 Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 167 page
background image
ST7LITE3
144/167
13.8 I/O PORT PIN CHARACTERISTICS
13.8.1 General Characteristics
Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified.
Notes:
1. Data based on characterization results, not tested in production.
2. Configuration not recommended, all unused pins must be kept at a fixed voltage: using the output mode of the I/O for
example or an external pull-up or pull-down resistor (see Figure 82). Data based on design simulation and/or technology
characteristics, not tested in production.
3. The RPU pull-up equivalent resistor is based on a resistive transistor (corresponding IPU current characteristics de-
scribed in Figure 83).
4. To generate an external interrupt, a minimum pulse width has to be applied on an I/O port pin configured as an external
interrupt source.
Figure 82. Two typical Applications with unused I/O Pin
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage
VSS - 0.3
0.3xVDD
V
VIH
Input high level voltage
0.7xVDD
VDD + 0.3
Vhys
Schmitt trigger voltage
hysteresis 1)
400
mV
IL
Input leakage current
VSSVINVDD
±1
µA
IS
Static current consumption 2)
Floating input mode
200
RPU
Weak pull-up equivalent resistor3)
VIN=
VSS
VDD=5V
TA≤85°C
50
100
170
k
VDD=3V
200
CIO
I/O pin capacitance
5
pF
tf(IO)out
Output high to low level fall time 1) C
L=50pF
Between 10% and 90%
25
ns
tr(IO)out
Output low to high level rise time 1)
25
tw(IT)in
External interrupt pulse time 4)
1
tCPU
10k
UNUSED I/O PORT
ST7XXX
10k
UNUSED I/O PORT
ST7XXX
VDD
Caution: During normal operation the ICCCLK pin must be pulled- up, internally or externally (external pull-up of 10k mandatory in
This is to avoid entering ICC mode unexpectedly during a reset.
noisy environment).
robustness and lower cost.
Note: I/O can be left unconnected if it is configured as output (0 or 1) by the software. This has the advantage of greater EMC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com