Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072BCPE4 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TL072BCPE4
Description  TL07xx Low-Noise FET-Input Operational Amplifiers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL072BCPE4 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TL072BCPE4 Datasheet HTML 17Page - Texas Instruments TL072BCPE4 Datasheet HTML 18Page - Texas Instruments TL072BCPE4 Datasheet HTML 19Page - Texas Instruments TL072BCPE4 Datasheet HTML 20Page - Texas Instruments TL072BCPE4 Datasheet HTML 21Page - Texas Instruments TL072BCPE4 Datasheet HTML 22Page - Texas Instruments TL072BCPE4 Datasheet HTML 23Page - Texas Instruments TL072BCPE4 Datasheet HTML 24Page - Texas Instruments TL072BCPE4 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
6.22 Electrical Characteristics, TL07xC, TL07xAC, TL07xBC, TL07xI
VCC± = ±15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS (1)
TA (2)
TL071C, TL072C,
TL074C
TL071AC, TL072AC,
TL074AC
TL071BC, TL072BC,
TL074BC
TL071I, TL072I, TL074I
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
VIO
Input offset
voltage
VO = 0,
RS = 50 Ω
25°C
3
10
3
6
2
3
3
6
mV
Full range
13
7.5
5
8
αVIO
Temperature
coefficient of
input offset
voltage
VO = 0,
RS = 50 Ω
Full range
18
18
18
18
µV/°C
IIO
Input offset
current
VO = 0
25°C
5
100
5
100
5
100
5
100
pA
Full range
10
2
2
2
nA
IIB
Input bias
current(3)
VO = 0
25°C
65
200
65
200
65
200
65
200
pA
Full range
7
7
7
7
nA
VICR
Common-mode
input voltage
range
25°C
±11
–12
to
15
±11
–12
to
15
±11
–12
to
15
±11
–12
to
15
V
VOM
Maximum peak
output voltage
swing
RL= 10 kΩ
25°C
±12
±13.5
±12
±13.5
±12
±13.5
±12
±13.5
V
RL≥ 10 kΩ
Full range
±12
±12
±12
±12
RL≥ 2 kΩ
±10
±10
±10
±10
AVD
Large-signal
differential
voltage
amplification
VO = ±10
V,
RL≥ 2 kΩ
25°C
25
200
50
200
50
200
50
200
V/mV
Full range
15
25
25
25
B1
Utility-gain
bandwidth
25°C
3
3
3
3
MHz
rI
Input
resistance
25°C
1012
1012
1012
1012
Ω
CMRR
Common-mode
rejection ratio
VIC = VICRmin,
25°C
70
100
75
100
75
100
75
100
dB
VO = 0,
RS = 50 Ω
kSVR
Supply-voltage
rejection ratio
(ΔVCC±/ΔVIO)
VCC = ±9 V to ±15 V,
25°C
70
100
80
100
80
100
80
100
dB
VO = 0,
RS = 50 Ω
ICC
Supply current
(each amplifier)
VO = 0,
No load
25°C
1.4
2.5
1.4
2.5
1.4
2.5
1.4
2.5
mA
VO1 /VO2
Crosstalk
attenuation
AVD = 100
25°C
120
120
120
120
dB
(1)
All characteristics are measured under open-loop conditions with zero common-mode voltage, unless otherwise specified.
(2)
Full range is TA = 0°C to 70°C for TL07_C,TL07_AC, TL07_BC and is TA = –40°C to 85°C for TL07_I.
(3)
Input bias currents of an FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive, as
shown in Figure 6-40. Pulse techniques must be used that maintain the junction temperature as close to the ambient temperature as
possible.
www.ti.com
TL071, TL071H, TL071A, TL071B
TL072, TL072H, TL072A, TL072B, TL074, TL074H, TL074A, TL074B, TL072M, TL074M
SLOS080P – SEPTEMBER 1978 – REVISED NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TL071 TL071H TL071A TL071B TL072 TL072H TL072A TL072B TL074 TL074H TL074A
TL074B TL072M TL074M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com