Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072ID Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TL072ID
Description  TL07xx Low-Noise FET-Input Operational Amplifiers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL072ID Datasheet(HTML) 15 Page - Texas Instruments

Back Button TL072ID Datasheet HTML 11Page - Texas Instruments TL072ID Datasheet HTML 12Page - Texas Instruments TL072ID Datasheet HTML 13Page - Texas Instruments TL072ID Datasheet HTML 14Page - Texas Instruments TL072ID Datasheet HTML 15Page - Texas Instruments TL072ID Datasheet HTML 16Page - Texas Instruments TL072ID Datasheet HTML 17Page - Texas Instruments TL072ID Datasheet HTML 18Page - Texas Instruments TL072ID Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 80 page
background image
6.17 Electrical Characteristics: TL07xH
For VS = (VCC+) – (VCC–) = 4.5 V to 40 V (±2.25 V to ±20 V) at TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and
VO UT = VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
±1
±4
mV
TA = –40°C to 125°C
±5
dVOS/dT
Input offset voltage drift
TA = –40°C to 125°C
±2
µV/
℃
PSRR
Input offset voltage
versus power supply
VS = 5 V to 40 V, VCM = V
S / 2
TA = –40°C to 125°C
±1
±10
μV/V
Channel separation
f = 0 Hz
10
µV/V
INPUT BIAS CURRENT
IB
Input bias current
±1
±120
pA
TA = –40°C to 125°C (1)
±5
nA
IOS
Input offset current
±0.5
±120
pA
TA = –40°C to 125°C (1)
±5
nA
NOISE
EN
Input voltage noise
f = 0.1 Hz to 10 Hz
9.2
μVPP
1.4
µVRMS
eN
Input voltage noise
density
f = 1 kHz
37
nV/√Hz
f = 10 kHz
21
iN
Input current noise
f = 1 kHz
80
fA/√Hz
INPUT VOLTAGE RANGE
VCM
Common-mode voltage
range
(VCC–) +
1.5
(VCC+)
V
CMRR
Common-mode
rejection ratio
VS = 40 V, (VCC–) + 2.5 V
< VCM < (VCC+) – 1.5 V
100
105
dB
CMRR
Common-mode
rejection ratio
TA = –40°C to 125°C
95
dB
CMRR
Common-mode
rejection ratio
VS = 40 V, (VCC–) + 2.5 V
< VCM < (VCC+)
90
105
dB
CMRR
Common-mode
rejection ratio
TA = –40°C to 125°C
80
dB
INPUT CAPACITANCE
ZID
Differential
100 || 2
MΩ || pF
ZICM
Common-mode
6 || 1
TΩ || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VS = 40 V, VCM = VS / 2,
(VCC–) + 0.3 V < VO < (V
CC+) – 0.3 V
TA = –40°C to 125°C
118
125
dB
AOL
Open-loop voltage gain
VS = 40 V, VCM = VS / 2,
RL = 2 kΩ, (VCC–) + 1.2 V
< VO < (VCC+) – 1.2 V
TA = –40°C to 125°C
115
120
dB
FREQUENCY RESPONSE
GBW
Gain-bandwidth
product
5.25
MHz
SR
Slew rate
VS = 40 V, G = +1, CL = 20 pF
20
V/μs
www.ti.com
TL071, TL071H, TL071A, TL071B
TL072, TL072H, TL072A, TL072B, TL074, TL074H, TL074A, TL074B, TL072M, TL074M
SLOS080P – SEPTEMBER 1978 – REVISED NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TL071 TL071H TL071A TL071B TL072 TL072H TL072A TL072B TL074 TL074H TL074A
TL074B TL072M TL074M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com