Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3370 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC3370
Description  Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC3370 Datasheet HTML 14Page - Analog Devices LTC3370 Datasheet HTML 15Page - Analog Devices LTC3370 Datasheet HTML 16Page - Analog Devices LTC3370 Datasheet HTML 17Page - Analog Devices LTC3370 Datasheet HTML 18Page - Analog Devices LTC3370 Datasheet HTML 19Page - Analog Devices LTC3370 Datasheet HTML 20Page - Analog Devices LTC3370 Datasheet HTML 21Page - Analog Devices LTC3370 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
LTC3315B
22
Rev. 0
For more information www.analog.com
www.analog.com
ANALOG DEVICES, INC. 2020
04/20
RELATED PARTS
TYPICAL APPLICATION
Dual Buck Regulators with Supply Sequencing
220nH
10µF
46.4k
33.2k
6.8pF
4.7µF
220nH
86.6k
33.2k
4.7µF
10µF
3.3pF
1M
169k
100k
0.1µF
VIN
SW1
FB1
SW2
FB2
PGOOD
EN2
MODE/SYNC
GND
EN1
VIN
LTC3315B
VIN
3.3V
VOUT1
VOUT1
1.2V, 2A
VOUT2
1.8V, 2A
fSW = 6MHz
3315B TA07
1µF
0201
1µF
0201
PART NUMBER DESCRIPTION
COMMENTS
LTC3309A/
LTC3309B
6A, Low Voltage, Synchronous Step-Down
DC/DC in 2mm × 2mm LQFN
Monolithic Synchronous Step-Down DC/DC Capable of Supplying 6A at Switching
Frequencies Up to 3MHz (LTC3309A) or 3MHZ to 10MHz (LTC3309B). 2.25V to 5.5V
Input Operating Range. 0.5V to VIN Output Voltage Range with ±1% Accuracy. PGOOD
Indication, RT Programming, SYNC Input. 2mm × 2mm LQFN
LTC3307A/
LTC3307B
3A, Low Voltage, Synchronous Step-Down
DC/DC in 2mm × 2mm LQFN
Monolithic Synchronous Step-Down DC/DC Capable of Supplying 3A at Switching
Frequencies Up to 3MHz (LTC3307A) or 3MHz to 10MHz (LTC3307B). 2.25V to 5.5V
Input Operating Range. 0.5V to VIN Output Voltage Range with ±1% Accuracy. PGOOD
Indication, RT Programming, SYNC Input. 2mm x 2mm LQFN
LTC3308A/
LTC3308B
4A, Low Voltage, Synchronous Step-Down
DC/DC in 2mm × 2mm LQFN
Monolithic Synchronous Step-Down DC/DC Capable of Supplying 3A at Switching
Frequencies Up to 3MHz (LTC3308A) or 3MHz to 10MHz (LTC3308B). 2.25V to 5.5V
Input Operating Range. 0.5V to VIN Output Voltage Range with ±1% Accuracy. PGOOD
Indication, RT Programming, SYNC Input. 2mm x 2mm LQFN
LTC3310S
10A, Low Voltage, Synchronous Step-Down
Silent Switcher® in 3mm × 3mm LQFN
Monolithic Synchronous Step-Down DC/DC Capable of Supplying 10A at Switching
Frequencies Up to 5MHz. Silent Switcher Architecture for Ultralow EMI Emissions.
2.25V to 5.5V Input Operating Range. 0.5V to VIN Output Voltage Range with ±1%
Accuracy. PGOOD Indication, RT Programming, SYNC Input. Configurable for
Paralleling Power Stages. 3mm × 3mm LQFN
LTC3315A
Dual 2A, Low Voltage, Synchronous Step-
Down DC/DC in 2mm × 2mm LQFN
Version of the LTC3315B switching at frequencies from 1MHz to 3MHz. 2mm x 2mm LQFN
LTC3370/
LTC3371
4-Channel 8A Configurable 1A Buck DC/DCs
Four Synchronous Buck Regulators with 8 × 1A Power Stages. Can Connect Up to Four
Power Stages in Parallel to Make a High Current Output (4A Maximum) with a Single
Inductor. 8 Output Configurations Possible. Precision PGOOD Indication. LTC3371
Has a Watchdog Timer. LTC3370: 32-Lead 5mm × 5mm QFN. LTC3371: 38-Lead
5mm × 7mm QFN and TSSOP
LTC3374/
LTC3374A
8-Channel Parallelable 1A Buck DC/DCs
Eight 1A Synchronous Buck Regulators. Can Connect Up to Four Power Stages in
Parallel to Make a High Current Output (4A Maximum) with a Single Inductor. 15 Output
Configurations Possible. Precision Enable Inputs and PGOOD_ALL Reporting. 38-Lead
5mm × 7mm QFN and TSSOP
LTC3375
8-Channel Parallelable 1A Buck DC/DCs
Eight 1A Synchronous Buck Regulators. Can Connect Up to Four Power Stages in
Parallel to Make a High Current Output (4A Maximum) with a Single Inductor. 15 Output
Configurations Possible. Precision Enable Inputs and PGOOD_ALL Reporting. I2C
Programming with a Watchdog Timer and Pushbutton. 48-Lead 7mm × 7mm QFN
LT8614
42V, 4A Synchronous Step-Down Silent
Switcher® with 2.5μA Quiescent Current
Synchronous Micropower Step-Down DC/DC Converter with Silent Switcher
Architecture. Up to 96% Efficiency at 1MHz, 12VIN to 5VOUT. Up to 94% Efficiency
at 2MHz, 12VIN to 5VOUT. VIN: 3.4V to 42V, VOUT(MIN) = 0.97V, IQ = 2.5μA, ISD <1μA,
18-Lead 3mm × 4mm QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com