Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS38 Datasheet(PDF) 1 Page - ON Semiconductor

Part # SN74LS38
Description  LOW POWER SCHOTTKY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LS38 Datasheet(HTML) 1 Page - ON Semiconductor

  SN74LS38 Datasheet HTML 1Page - ON Semiconductor SN74LS38 Datasheet HTML 2Page - ON Semiconductor SN74LS38 Datasheet HTML 3Page - ON Semiconductor SN74LS38 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 1999
December, 1999 – Rev. 6
1
Publication Order Number:
SN74LS38/D
SN74LS38
Quad 2-Input NAND Buffer
14
13
12
11
10
9
123
456
VCC
8
7
GND
**
**
* OPEN COLLECTOR OUTPUTS
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
4.75
5.0
5.25
V
TA
Operating Ambient
Temperature Range
0
25
70
°C
VOH
Output Voltage – High
5.5
V
IOL
Output Current – Low
24
mA
LOW
POWER
SCHOTTKY
SOIC
D SUFFIX
CASE 751A
http://onsemi.com
PLASTIC
N SUFFIX
CASE 646
14
1
14
1
Device
Package
Shipping
ORDERING INFORMATION
SN74LS38N
14 Pin DIP
2000 Units/Box
SN74LS38D
14 Pin
2500/Tape & Reel


Similar Part No. - SN74LS38

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS38 TI-SN74LS38 Datasheet
623Kb / 17P
QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN74LS38 TI1-SN74LS38 Datasheet
1Mb / 22P
QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN74LS38 TI1-SN74LS38 Datasheet
1Mb / 24P
QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
REVISED MARCH 1988
SN74LS381A TI-SN74LS381A Datasheet
376Kb / 9P
ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SN74LS381ADW TI-SN74LS381ADW Datasheet
376Kb / 9P
ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
More results

Similar Description - SN74LS38

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS04 ONSEMI-SN74LS04 Datasheet
72Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS08 ONSEMI-SN74LS08 Datasheet
75Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS109A ONSEMI-SN74LS109A Datasheet
96Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS138 ONSEMI-SN74LS138 Datasheet
124Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS174 ONSEMI-SN74LS174 Datasheet
104Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS195A ONSEMI-SN74LS195A Datasheet
137Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS221 ONSEMI-SN74LS221 Datasheet
120Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS257B ONSEMI-SN74LS257B Datasheet
118Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS260 ONSEMI-SN74LS260 Datasheet
76Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS273 ONSEMI-SN74LS273 Datasheet
117Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com