Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFM1001S Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # CFM1001S
Description  10/15 WATT OPEN FRAME AC-DC MODULES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM1001S Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  CFM1001S Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM1001S Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V13
2
Specifications
CFM10/15 Series Derating Curve
INPUT SPECIFICATIONS:
Voltage …....………........…......................................................... 85~264Vac
120~370Vdc
Frequency ………………………………………….……………...... 47 to 63Hz
Input Current ……………….…..... 100Vac/0.5A max., 240Vac/0.25A max.
Inrush Current ……….. Cold Start@25℃ ……….…… 20A max. @115Vac
40A max. @230Vac
Leakage Current …………………………………………………. 0.25mA max.
OUTPUT SPECIFICATIONS:
Holdup Time ………………………………………….… 16ms typ. @115Vac
Short Circuit Protection ……………………. Hiccup Mode (Auto Recovery)
Over Voltage Protection ……………................... TVS Component to Clamp
SAFETY AND EMC:
Temperature Coefficient …………………...............................… 0.05%/℃
Emission and Immunity ……………....… EN55032 Class B, EN61000-6-3
GENERAL SPECIFICATIONS:
EN61000-3-2, EN61000-3-3, EN55024
Isolation ……………………………………..……. Input to output = 3000VAC
EN61204-3, EN61000-6-1
Operating Temperature .................................. 0 ~ 70℃ (see derating curve)
Safety ……………………………... IEC/EN/UL62368-1, IEC/EN/UL60950-1
Storage Temperature ……………………………...….......……........ -20~85℃
NOTE:
Humidity ...................................................... 93% RH max. Non condensing
1. Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to output for
Cooling …………………………………..……………….. Natural Convection
Ripple & noise measuring @20MHz BW.
Switching Frequency …………………………...... CFM10: 100KHz Typical
2. Line regulation is measured from high line to low line with full load.
CFM15: 67KHz Typical
3. Load regulation is measured from full to 10% load.
MTBF …..…… MIL-HDBK-217F, GB, at 25
/115VAC
℃
…… 200Khrs min.
4. Typical efficiency with 230VAC and max. load 25℃.
Altitude ……………………..………………...………………………….. 2000m
Dimensions … CFM10: 2.599x1.772x0.906Inches (65.00x45.00x23.00mm)
CFM15: 2.752x1.890x0.906Inches (69.90x48.00x23.00mm)
Weight …………………………………………...... CFM10: 60g (0.13Pounds)
CFM15: 80g (0.18Pounds)
Mechanical Specification
Tolerance:Inches:X.XXX±0.02
All Dimensions are in inches(mm)
Millimeters:X.XX±0.5
0.039 [1.00]
0.071 [1.80]
0.220 [5.60]
2.559 [65.00]
2.126 [54.00]
2.752 [69.90]
0.161 [4.10]
0.039 [1.00]
0.071 [1.80]
VR
2.441 [62.00]
CFM10 Series
CFM15 Series
VR
Typical at 25˚C, nominal line and 75% load, unless otherwise Specified
0%
25%
50%
75%
100%
0
10
20
30
40
50
60
70
Ambient Temperature(
oC)
20LFM(Natural Convection)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com