Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK4360ES Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK4360ES
Description  10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4360ES Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK4360ES Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4360ES Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4360ES Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4360ES Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4360ES Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4360ES Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4360ES Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
55V
0.16A
±13.5V
20mA
20mA
10A
16A
High Voltage Supply
V+ Quiescent Current
Current Command Input
Output Current
Output Current
Continuous Output Current
Peak Output Current
ABSOLUTE MAXIMUM RATINGS
V+
IQ
VIN
+15V
-15V
IOUT
IPK
3.6°C/W
-65°C to +150°C
+300°C
-40°C to +85°C
-55°C to +125°C
+150°C
OJC
TST
TLD
TC
TJ
Thermal Resistance
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK4360
MSK4360H/E
Junction Temperature
Rev. G 11/01
2
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade and "E" suffix devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ("H" Suffix) shall be 100% tested to Subgroups 1, 2, 3 and 4.
Subgroups 5 and 6 testing available upon request.
Subgroup 1, 4 TA = TC = +25°C
2, 5 TA = TC =+125°C
3, 6 TA = TC =
-55°C
Maximum power dissipation must be limited according to voltage regulator power dissipation.
Measurements do not include offset current at 0V current command.
4
5,6
1,2,3
1,2,3
4
-
-
-
-
4
5,6
1
2,3
4
5,6
-
-
-
-
-
-
-
-
-
-
PWM
REGULATORS
+15 VOUT
-15 VOUT
-15 VOUT Ripple
HALL INPUTS
VIL
VIH
ANALOG SECTION
Current Command Input Range
Current Command Input Current
Current Monitor Voltage Swing
ERROR AMP
E/A OUTPUT Swing
Slew Rate
Unity Gain Bandwidth
Large Signal Voltage Gain
OUTPUT SECTION
Voltage Drop Across Bridge (1 Upper & 1 Lower)
Voltage Drop Across Bridge (1 Upper & 1 Lower)
Leakage Current
Diode VSD
trr
Dead Time
20mA Load
20mA Load
20mA Load
5mA Load
5mA Load
10 AMPS
10 AMPS @ 150°c Junction
All switches off, V+=44V, 150°C Junction
ELECTRICAL SPECIFICATIONS
Parameter
Units
MSK 4360
Test Conditions
KHz
KHz
VOLTS
VOLTS
mV
VOLTS
VOLTS
VOLTS
mA
A/V
A/V
mA
mA
V/A
V/A
VOLTS
VOLTS
V/µSec
MHz
V/mV
VOLTS
VOLTS
µA
VOLTS
nSec
µSec
Min.
Typ.
Max.
MSK 4360H/E
Min.
Typ.
Max.
Group A
Subgroup
15
13.6
14.25
-15.75
-
-
3.0
-13.5
-
1.9
1.8
-25
-50
0.475
0.45
-12
-12
-
-
-
-
-
-
-
-
-
16
22
-
-
-
-
-
-
-
2
2
0
0
0.5
0.5
-
-
3
1.8
400
0.8
1.6
-
-
86
2
17
18.4
15.75
-14.25
250
0.8
-
+13.5
1.5
2.1
2.2
25
50
0.525
0.55
+12
+12
-
-
-
-
1.92
750
1.6
-
-
15
-
14.25
-15.75
-
-
3.0
-13.5
-
1.8
-
-50
-
0.45
-
-12
-12
-
-
-
-
-
-
-
-
-
16
-
-
-
-
-
-
-
-
2
-
0
-
0.5
-
-
-
3
1.8
400
0.8
1.6
-
-
86
2
17
-
15.75
-14.25
250
0.8
-
+13.5
1.5
2.2
-
50
-
0.55
-
+12
+12
-
-
-
-
1.92
750
1.6
-
-
1
1
1
1
1
1
1
1
1
1
1
1
1
1
6
1
3
6
2
Transconductance
Offset Current
Current Monitor
Clock Frequency
NOTES:
Current Command=0 Volts
7
7
@ ±1 Amp Output
1
2
3
4
5
6
7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com