Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFM81S Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # CFM81S
Description  80 WATT OPEN FRAME AC-DC MODULES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM81S Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  CFM81S Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM81S Datasheet HTML 2Page - CINCON ELECTRONICS Corporation CFM81S Datasheet HTML 3Page - CINCON ELECTRONICS Corporation CFM81S Datasheet HTML 4Page - CINCON ELECTRONICS Corporation CFM81S Datasheet HTML 5Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.cincon.com
2
REVISION: V11
CFM81S Series
TECHNICAL SPECIFICATIONS
(All specifications are typical at nominal input, full load at 25°C unless otherwise noted.)
ABSOLUTE MAXIMUM RATINGS
PARAMETER
NOTES and CONDITIONS
Device
Min.
Typ.
Max.
Units
Input Voltage
Safety approvals only to the AC input
All
90
264
Vac
120
370
Vdc
Operating Case Temperature
See Derating Curve
All
-30
80
°C
Storage Temperature
All
-30
85
°C
Operating Altitude
UL 62368-1
All
5000
m
Meets EN 60335-1
3000
INPUT
CHARACTERISTICS
PARAMETER
NOTES and CONDITIONS
Device
Min.
Typ.
Max.
Units
Operating Voltage Range
All
100
240
Vac
Input Frequency Range
All
50
60
Hz
Maximum Input Current
100% Load, Vin=100Vac
All
1.7
A
Leakage Current
All
0.25
mA
Inrush Current
Vin=240Vac, Cold Start at 25℃.
All
100
A
OUTPUT
CHARACTERISTICS
PARAMETER
NOTES and CONDITIONS
Device
Min.
Typ.
Max.
Units
Output Voltage Set Point
Vin=Nominal Vin, Io=Io max., Tc=25℃.
CFM81S120
11.88
12
12.12
Vdc
CFM81S150
14.85
15
15.15
CFM81S240
23.76
24
24.24
CFM81S480
47.52
48
48.48
Operating Output Current Range
CFM81S120
6.7
A
CFM81S150
5.36
CFM81S240
3.35
CFM81S480
1.67
Holdup Time
Vin=115Vac
All
12
ms
Output Voltage Regulation
Load Regulation
10% Load to Full Load
All
±1.0
%
Line Regulation
Vin=High Line to Low Line
All
±0.5
%
Over Voltage Protection
Built-in a TVS Component to Clamp
Output Voltage
CFM81S120
16.2
Vdc
CFM81S150
18.9
CFM81S240
31.5
CFM81S480
58.8
Output Ripple and Noise
1. Add a 0.1uF Ceramic Capacitor and a 10uF
Aluminum Electrolytic Capacitor to Output.
2. Oscilloscope is 20MHz Band Width.
3. Ambient Temperature=25℃
CFM81S120
120
mV
CFM81S150
150
CFM81S240
240
CFM81S480
480
Load Capacitance
1. Ambient Temperature=25℃
2. Input Voltage is 115VAC and 230VAC
3. Output is max. Load
CFM81S120
13400
uF
CFM81S150
11000
CFM81S240
6700
CFM81S480
3340
Efficiency
Output is Rated Load
Ambient Temperature=25℃
@ Input Voltage is 230VAC
CFM81S120
89
%
CFM81S150
89
CFM81S240
90
CFM81S480
91



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com