Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFM101S150 Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # CFM101S150
Description  100 WATT OPEN FRAME AC-DC MODULES WITH PFC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM101S150 Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  CFM101S150 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM101S150 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V13
1
︳
CFM101S SERIES
100 WATT OPEN FRAME
AC-DC MODULES WITH PFC
Features
* 100W Single Output
* Universal Input Range 90~264Vac
* Active PFC Function
* 2”X4” Size
* Efficiency at 89% Typical
* Continuous Short Circuit Protection
* Meets EN55032 Class B and
CISPR/FCC Class B
MODEL
OUTPUT
VOLTAGE
OUTPUT
CURRENT
RIPPLE &
NOISE
NOTE 1
VOLTAGE
ACCURACY
NOTE 2
LINE
REGULATION
NOTE 3
VOLTAGE
ADJ. RANGE
LOAD
REGULATION
NOTE 4
% EFF.
(Typ.)
NOTE5
CFM101S120
12 V
8.4 A
1%
±1%
±0.5%
11.4 ~ 12.6 V
±1%
87%
CFM101S150
15 V
6.7 A
1%
±1%
±0.5%
14.25 ~ 15.75 V
±1%
87%
CFM101S200
20 V
5.0 A
0A
1%
±1%
±0.5%
19 ~ 21 V
±1%
88%
CFM101S240
24 V
4.2 A
1%
±1%
±0.5%
22.8 ~ 25.2 V
±1%
88%
CFM101S480
48 V
2.1 A
1%
±1%
±0.5%
45.6 ~ 50.4 V
±1%
89%
Specifications are subject to change without notice.


Similar Part No. - CFM101S150

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CFM101C120-DR CINCON-CFM101C120-DR Datasheet
266Kb / 2P
40/60/100 Watt Single Output
CFM101C150-DR CINCON-CFM101C150-DR Datasheet
266Kb / 2P
40/60/100 Watt Single Output
CFM101C200-DR CINCON-CFM101C200-DR Datasheet
266Kb / 2P
40/60/100 Watt Single Output
CFM101C240-DR CINCON-CFM101C240-DR Datasheet
266Kb / 2P
40/60/100 Watt Single Output
CFM101C480-DR CINCON-CFM101C480-DR Datasheet
266Kb / 2P
40/60/100 Watt Single Output
More results

Similar Description - CFM101S150

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
AC05 INTRONICS-AC05 Datasheet
205Kb / 1P
5 WATT OPEN FRAME AC-DC MODULES
AC100X INTRONICS-AC100X Datasheet
260Kb / 2P
100 WATT OPEN FRAME AC-DC MODULES WITH PFC
AC200X INTRONICS-AC200X Datasheet
567Kb / 3P
200 WATT AC-DC OPEN FRAME WITH PFC
logo
List of Unclassifed Man...
CFM150M ETC2-CFM150M Datasheet
569Kb / 2P
150W MEDICAL OPEN FRAME AC-DC MODULES WITH PFC
logo
CINCON ELECTRONICS Corp...
CFM05 CINCON-CFM05 Datasheet
237Kb / 2P
5 WATT OPEN FRAME AC-DC MODULES
CFM80S CINCON-CFM80S Datasheet
394Kb / 2P
80W WATT OPEN FRAME AC-DC MODULES
CFM81S CINCON-CFM81S Datasheet
536Kb / 5P
80 WATT OPEN FRAME AC-DC MODULES
CFM130S CINCON-CFM130S Datasheet
649Kb / 5P
130 WATT OPEN FRAME AC-DC MODULES WITH PFC
CFM201S CINCON-CFM201S Datasheet
449Kb / 3P
200 WATT AC-DC OPEN FRAME WITH PFC
CFM260S CINCON-CFM260S Datasheet
689Kb / 5P
260 WATT OPEN FRAME AC-DC MODULES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com