Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFM260S Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # CFM260S
Description  260 WATT OPEN FRAME AC-DC MODULES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM260S Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  CFM260S Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM260S Datasheet HTML 2Page - CINCON ELECTRONICS Corporation CFM260S Datasheet HTML 3Page - CINCON ELECTRONICS Corporation CFM260S Datasheet HTML 4Page - CINCON ELECTRONICS Corporation CFM260S Datasheet HTML 5Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.cincon.com
2
REVISION: V10
CFM260S Series
TECHNICAL SPECIFICATIONS
(All specifications are typical at nominal input, full load at 25°C unless otherwise noted.)
ABSOLUTE MAXIMUM RATINGS
PARAMETER
NOTES and CONDITIONS
Device
Min.
Typ.
Max.
Units
Input Voltage
Safety approvals only to the AC input
All
85
264
Vac
Vdc
Operating Temperature
See Derating Curve
All
-30
80
°C
Storage Temperature
All
-40
85
°C
Operating Altitude
IEC/EN/UL 62368-1
All
5000
m
Meets EN 60335-1
5000
INPUT
CHARACTERISTICS
PARAMETER
NOTES and CONDITIONS
Device
Min.
Typ.
Max.
Units
Operating Voltage Range
All
100
240
Vac
Input Frequency Range
All
47
63
Hz
Maximum Input Current
100% Load, Vin=100Vac
All
3.5
A
Leakage Current
All
3.5
mA
Inrush Current
Vin=240Vac, Cold Start at 25℃.
All
150
A
OUTPUT
CHARACTERISTICS
PARAMETER
NOTES and CONDITIONS
Device
Min.
Typ.
Max.
Units
Output Voltage Set Point
Vin=Nominal Vin, Io=Io max., Ambient
Temperature=25℃.
CFM260S120
11.88
12
12.12
Vdc
CFM260S240
23.76
24
24.24
CFM260S360
35.64
36
36.36
CFM260S480
47.52
48
48.48
Operating Output Current Range
See Derating Curve
CFM260S120
21.67
A
CFM260S240
10.83
CFM260S360
7.22
CFM260S480
5.42
Holdup Time
Vin=115Vac
All
16
ms
Output Voltage Regulation
Load Regulation
10% Load to Full Load
All
±1.0
%
Line Regulation
Vin=High Line to Low Line
All
±0.5
%
Over Voltage Protection
Clamp Output Voltage
CFM260S120
16
Vdc
CFM260S240
35
CFM260S360
50
CFM260S480
63
Output Ripple and Noise
1. Add a 0.1uF Ceramic Capacitor and a 10uF
Aluminum Electrolytic Capacitor to Output.
2. Oscilloscope is 20MHz Band Width.
3. Ambient Temperature=25℃
CFM260S120
120
mV
CFM260S240
240
CFM260S360
360
CFM260S480
480
Load Capacitance
1. Ambient Temperature=25℃
2. Input Voltage is 115VAC and 230VAC
3. Output is max. Load
CFM260S120
22000
uF
CFM260S240
10880
CFM260S360
7220
CFM260S480
3960
Efficiency
1. Output is Rated Load
2. Ambient Temperature=25℃
3. Input Voltage is 230VAC
CFM260S120
92.0
%
CFM260S240
93.5
CFM260S360
93.0
CFM260S480
93.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com