Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS47N Datasheet(PDF) 1 Page - ON Semiconductor

Part # SN74LS47N
Description  BCD to 7-Segment Decoder/Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LS47N Datasheet(HTML) 1 Page - ON Semiconductor

  SN74LS47N Datasheet HTML 1Page - ON Semiconductor SN74LS47N Datasheet HTML 2Page - ON Semiconductor SN74LS47N Datasheet HTML 3Page - ON Semiconductor SN74LS47N Datasheet HTML 4Page - ON Semiconductor SN74LS47N Datasheet HTML 5Page - ON Semiconductor SN74LS47N Datasheet HTML 6Page - ON Semiconductor SN74LS47N Datasheet HTML 7Page - ON Semiconductor SN74LS47N Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 1999
December, 1999 – Rev. 6
1
Publication Order Number:
SN74LS47/D
SN74LS47
BCD to 7-Segment
Decoder/Driver
The SN74LS47 are Low Power Schottky BCD to 7-Segment
Decoder / Drivers consisting of NAND gates, input buffers and seven
AND-OR-INVERT gates. They offer active LOW, high sink current
outputs for driving indicators directly. Seven NAND gates and one
driver are connected in pairs to make BCD data and its complement
available to the seven decoding AND-OR-INVERT gates. The
remaining NAND gate and three input buffers provide lamp test,
blanking input / ripple-blanking output and ripple-blanking input.
The circuits accept 4-bit binary-coded-decimal (BCD) and,
depending on the state of the auxiliary inputs, decodes this data to
drive a 7-segment display indicator. The relative positive-logic output
levels, as well as conditions required at the auxiliary inputs, are shown
in the truth tables. Output configurations of the SN74LS47 are
designed to withstand the relatively high voltages required for
7-segment indicators.
These outputs will withstand 15 V with a maximum reverse current
of 250
µA. Indicator segments requiring up to 24 mA of current may
be driven directly from the SN74LS47 high performance output
transistors. Display patterns for BCD input counts above nine are
unique symbols to authenticate input conditions.
The SN74LS47 incorporates automatic leading and / or trailing-edge
zero-blanking control (RBI and RBO). Lamp test (LT) may be
performed at any time which the BI / RBO node is a HIGH level. This
device also contains an overriding blanking input (BI) which can be
used to control the lamp intensity by varying the frequency and duty
cycle of the BI input signal or to inhibit the outputs.
• Lamp Intensity Modulation Capability (BI/RBO)
• Open Collector Outputs
• Lamp Test Provision
• Leading/Trailing Zero Suppression
• Input Clamp Diodes Limit High-Speed Termination Effects
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
4.75
5.0
5.25
V
TA
Operating Ambient
Temperature Range
0
25
70
°C
IOH
Output Current – High
BI/RBO
–50
mA
IOL
Output Current – Low
BI/RBO
BI/RBO
3.2
mA
VO(off)
Off–State Output Voltage
a to g
15
V
IO(on)
On–State Output Current
a to g
24
mA
LOW
POWER
SCHOTTKY
SOIC
D SUFFIX
CASE 751B
http://onsemi.com
PLASTIC
N SUFFIX
CASE 648
16
1
16
1
Device
Package
Shipping
ORDERING INFORMATION
SN74LS47N
16 Pin DIP
2000 Units/Box
SN74LS47D
16 Pin
2500/Tape & Reel


Similar Part No. - SN74LS47N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN74LS47N MOTOROLA-SN74LS47N Datasheet
105Kb / 3P
BCD TO 7-SEGMENT DECODER/DRIVER
logo
Texas Instruments
SN74LS47N TI-SN74LS47N Datasheet
583Kb / 14P
BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
SN74LS47N TI1-SN74LS47N Datasheet
1Mb / 26P
BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
SN74LS47N3 TI1-SN74LS47N3 Datasheet
1Mb / 26P
BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
SN74LS47NE4 TI1-SN74LS47NE4 Datasheet
1Mb / 26P
BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
More results

Similar Description - SN74LS47N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS47 MOTOROLA-SN54LS47 Datasheet
105Kb / 3P
BCD TO 7-SEGMENT DECODER/DRIVER
logo
STMicroelectronics
M54HC4511 STMICROELECTRONICS-M54HC4511 Datasheet
269Kb / 13P
BCD TO 7 SEGMENT LATCH/DECODER DRIVER
Feb-1993
logo
Toshiba Semiconductor
TC74HC4511AP TOSHIBA-TC74HC4511AP Datasheet
278Kb / 8P
BCD-TO-7 SEGMENT LATCH/DECODER/DRIVER
logo
Fairchild Semiconductor
CD4511BC FAIRCHILD-CD4511BC Datasheet
65Kb / 8P
BCD-to-7 Segment Latch/Decoder/Driver
logo
National Semiconductor ...
54LS47 NSC-54LS47 Datasheet
121Kb / 5P
BCD TO 7-SEGMENT DECODER/DRIVER
54LS347 NSC-54LS347 Datasheet
57Kb / 2P
BCD TO 7-SEGMENT DECODER / DRIVER
54LS447 NSC-54LS447 Datasheet
67Kb / 3P
BCD to 7-Segment Decoder/Driver
logo
Fairchild Semiconductor
54LS347 FAIRCHILD-54LS347 Datasheet
51Kb / 1P
BCD TO 7-SEGMENT DECODER/DRIVER
logo
NXP Semiconductors
HEF4543B NXP-HEF4543B_09 Datasheet
107Kb / 16P
BCD to 7-segment latch/decoder/driver
Rev. 05-27 October 2009
HEF4543B PHILIPS-HEF4543B_15 Datasheet
230Kb / 17P
BCD to 7-segment latch/decoder/driver
Rev. 6-17 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com