Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS658643ZGUT Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS658643ZGUT
Description  Advanced Power Management Unit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS658643ZGUT Datasheet(HTML) 1 Page - Texas Instruments

  TPS658643ZGUT Datasheet HTML 1Page - Texas Instruments TPS658643ZGUT Datasheet HTML 2Page - Texas Instruments TPS658643ZGUT Datasheet HTML 3Page - Texas Instruments TPS658643ZGUT Datasheet HTML 4Page - Texas Instruments TPS658643ZGUT Datasheet HTML 5Page - Texas Instruments TPS658643ZGUT Datasheet HTML 6Page - Texas Instruments TPS658643ZGUT Datasheet HTML 7Page - Texas Instruments TPS658643ZGUT Datasheet HTML 8Page - Texas Instruments TPS658643ZGUT Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TPS658643
www.ti.com
SLVSB68
– NOVEMBER 2011
Advanced Power Management Unit
Check for Samples: TPS658643
1
INTRODUCTION
1.1
MAIN FEATURES
12
– Real Time Counter
• INTEGRATED POWER SUPPLIES
– 11 Channel ADC With 3 Operating Modes
– 3 Programmable Step-Down converters
•
Single Conversion
•
Software Controlled Enable/Forced PWM
Mode
•
Peak Detection
•
Automatic Power Saving Mode
•
Averaging
•
Maximum 1.5A Outputs (SM0 and SM2)
•
Maximum 2.A Output (SM1)
1.2
APPLICATIONS
– 11 Programmable General Purpose LDOs
•
Tablet PCs
•
7 With Output Voltages of 1.25V to 3.3V
•
Netbooks
•
2 With Output Voltages of 0.725V to 1.5V
•
SmartPhones
or 1.25V to 2.586V (factory
•
Portable Navigation Devices
programmable)
•
1
“ Always On” With Output Voltages of
•
Portable Media Players
1.25V to 3.3V
•
1 With Output Voltage of 1.7V
–2.475V
• DISPLAY SUPPORT FUNCTIONS
– 3 PWM Outputs With Programmable
Frequency and Duty Cycle
– Dual RGB LED Drivers
• HOST INTERFACE
– I2C Bus
– Interrupt Controller With Maskable Interrupts
– GPIO Control (4)
• SYSTEM MANAGEMENT
– Power Good Monitoring on all Supply
Outputs
– Software Reset Function
– Hardware On/Off and Reboot Control
1.3
DESCRIPTION
The TPS658643 provides an easy to use, fully integrated solution for handheld devices, integrating
multiple regulated power supplies, system management and display functions in a small package. The I2C
interface enables control of a wide range of subsystem parameters. Internal registers have a complete set
of status information, enabling easy diagnostics and host-controlled handling of fault conditions.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
MicroStar BGA is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright
© 2011, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - TPS658643ZGUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS658643ZGUT TI1-TPS658643ZGUT Datasheet
562Kb / 8P
Advanced Power Management Unit
More results

Similar Description - TPS658643ZGUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS658620 TI-TPS658620 Datasheet
4Mb / 104P
Advanced Power Management Unit
TPS658621A TI-TPS658621A Datasheet
3Mb / 105P
Advanced Power Management Unit
TPS658621A TI-TPS658621A_1 Datasheet
3Mb / 107P
Advanced Power Management Unit
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
Advanced Power Management Unit
TPS658622A TI-TPS658622A Datasheet
291Kb / 7P
Advanced Power Management Unit
TPS658622B TI-TPS658622B Datasheet
287Kb / 7P
Advanced Power Management Unit
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
Advanced Power Management Unit
TPS658629-Q1 TI1-TPS658629-Q1 Datasheet
849Kb / 9P
Advanced Power Management Unit
logo
Active-Semi, Inc
ACT8892 ACTIVE-SEMI-ACT8892_17 Datasheet
1Mb / 32P
Advanced Power Management Unit
Rev 3, 28-June-17
logo
Texas Instruments
TPS658621A TI1-TPS658621A_V01 Datasheet
160Kb / 6P
Advanced Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com