Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LS42 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74LS42
Description  LOW POWER SCHOTTKY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LS42 Datasheet(HTML) 1 Page - ON Semiconductor

  74LS42 Datasheet HTML 1Page - ON Semiconductor 74LS42 Datasheet HTML 2Page - ON Semiconductor 74LS42 Datasheet HTML 3Page - ON Semiconductor 74LS42 Datasheet HTML 4Page - ON Semiconductor 74LS42 Datasheet HTML 5Page - ON Semiconductor 74LS42 Datasheet HTML 6Page - ON Semiconductor 74LS42 Datasheet HTML 7Page - ON Semiconductor 74LS42 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 1999
December, 1999 – Rev. 6
1
Publication Order Number:
SN74LS42/D
SN74LS42
One-of-Ten Decoder
The LSTTL / MSI SN74LS42 is a Multipurpose Decoder designed
to accept four BCD inputs and provide ten mutually exclusive outputs.
The LS42 is fabricated with the Schottky barrier diode process for
high speed and is completely compatible with all ON Semiconductor
TTL families.
• Multifunction Capability
• Mutually Exclusive Outputs
• Demultiplexing Capability
• Input Clamp Diodes Limit High Speed Termination Effects
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
4.75
5.0
5.25
V
TA
Operating Ambient
Temperature Range
0
25
70
°C
IOH
Output Current – High
– 0.4
mA
IOL
Output Current – Low
8.0
mA
LOW
POWER
SCHOTTKY
Device
Package
Shipping
ORDERING INFORMATION
SN74LS42N
16 Pin DIP
2000 Units/Box
SN74LS42D
16 Pin
SOIC
D SUFFIX
CASE 751B
http://onsemi.com
2500/Tape & Reel
PLASTIC
N SUFFIX
CASE 648
16
1
16
1


Similar Part No. - 74LS42

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74LS42 NSC-74LS42 Datasheet
128Kb / 6P
Decimal Decoders
logo
Hitachi Semiconductor
74LS42 HITACHI-74LS42 Datasheet
61Kb / 6P
BCD-to-Decimal Decoder
logo
Motorola, Inc
74LS42N MOTOROLA-74LS42N Datasheet
40Kb / 3P
ONE-OF-TEN DECODER LOW POWER SCHOTTKY
More results

Similar Description - 74LS42

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS04 ONSEMI-SN74LS04 Datasheet
72Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS08 ONSEMI-SN74LS08 Datasheet
75Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS109A ONSEMI-SN74LS109A Datasheet
96Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS138 ONSEMI-SN74LS138 Datasheet
124Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS174 ONSEMI-SN74LS174 Datasheet
104Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS195A ONSEMI-SN74LS195A Datasheet
137Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS221 ONSEMI-SN74LS221 Datasheet
120Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS257B ONSEMI-SN74LS257B Datasheet
118Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS260 ONSEMI-SN74LS260 Datasheet
76Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS273 ONSEMI-SN74LS273 Datasheet
117Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com