Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LS670 Datasheet(PDF) 5 Page - ON Semiconductor

Part # 74LS670
Description  LOW POWER SCHOTTKY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LS670 Datasheet(HTML) 5 Page - ON Semiconductor

  74LS670 Datasheet HTML 1Page - ON Semiconductor 74LS670 Datasheet HTML 2Page - ON Semiconductor 74LS670 Datasheet HTML 3Page - ON Semiconductor 74LS670 Datasheet HTML 4Page - ON Semiconductor 74LS670 Datasheet HTML 5Page - ON Semiconductor 74LS670 Datasheet HTML 6Page - ON Semiconductor 74LS670 Datasheet HTML 7Page - ON Semiconductor 74LS670 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SN74LS670
http://onsemi.com
5
AC CHARACTERISTICS (TA = 25°C)
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tPLH
tPHL
Propagation Delay, RA or RB
to Output
23
25
40
45
ns
tPLH
tPHL
Propagation Delay, EW to
Output
26
28
45
50
ns
VCC = 5.0 V,
tPLH
tPHL
Propagation Delay, Data
to Output
25
23
45
40
ns
CC
CL = 45 pF
tPZH
tPZL
Output Enable Time
15
22
35
40
ns
tPLZ
tPHZ
Output Disable Time
16
30
35
50
ns
CL = 5.0 pF
AC SETUP REQUIREMENTS (TA = 25°C)
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tW
Pulse Width
25
ns
ts
Setup Time, (D)
10
ns
ts
Setup Time, (W)
15
ns
VCC =5 0V
th
Hold Time, (D)
15
ns
VCC = 5.0 V
th
Hold Time, (W)
5.0
ns
trec
Recovery Time
25
ns
AC WAVEFORMS
Figure 1.
Figure 2.
Figure 3.
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
RA, RB
Q
Q
D, EW
WA, WB
D
EW
ts
th
th
ts
tW
tPHL
tPLH
tPHL
tPLH



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com