Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS85 Datasheet(PDF) 2 Page - ON Semiconductor

Part # SN74LS85
Description  LOW POWER SCHOTTKY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LS85 Datasheet(HTML) 2 Page - ON Semiconductor

  SN74LS85 Datasheet HTML 1Page - ON Semiconductor SN74LS85 Datasheet HTML 2Page - ON Semiconductor SN74LS85 Datasheet HTML 3Page - ON Semiconductor SN74LS85 Datasheet HTML 4Page - ON Semiconductor SN74LS85 Datasheet HTML 5Page - ON Semiconductor SN74LS85 Datasheet HTML 6Page - ON Semiconductor SN74LS85 Datasheet HTML 7Page - ON Semiconductor SN74LS85 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SN74LS85
http://onsemi.com
2
LOGIC SYMBOL
CONNECTION DIAGRAM DIP (TOP VIEW)
Parallel Inputs
A = B Expander Inputs
A < B, A > B, Expander Inputs
A Greater than B Output
B Greater than A Output
A Equal to B Output
A0 – A3, B0 – B3
IA = B
IA < B, IA > B
OA > B
OA < B
OA = B
1.5 U.L.
1.5 U.L.
0.5 U.L.
10 U.L.
10 U.L.
10 U.L.
0.75 U.L.
0.75 U.L.
0.25 U.L.
5 U.L.
5 U.L.
5 U.L.
NOTES:
a) 1 TTL Unit Load (U.L.) = 40
mA HIGH/1.6 mA LOW.
HIGH
LOW
(Note a)
LOADING
PIN NAMES
VCC = PIN 16
GND = PIN 8
10 12 13 15 9 11 14 1
4
2
3
5
7
6
A0 A1 A2 A3 B0 B1 B2 B3
IA>B
IA<B
IA=B
OA>B
OA<B
OA=B
NOTE:
The Flatpak version has the same
pinouts (Connection Diagram) as
the Dual In-Line Package.
14
13
12
11
10
9
123
45
6
7
16
15
8
VCC
B3
A3
B2
A2
A1
A0
B1
B0
IA<B
IA=B
IA>B
OA>B OA=B OA<B GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com