Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDM60S Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # LDM60S
Description  60 WATT SINGLE OUTPUT AC-DC LED DRIVER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

LDM60S Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  LDM60S Datasheet HTML 1Page - CINCON ELECTRONICS Corporation LDM60S Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V11
2
Specifications
INPUT SPECIFICATIONS:
Voltage …........……........….…....................... 90~305Vac or 127~420Vdc
Frequency ………………………………..……….……………..... 47 to 63Hz
Inrush Current …………………. 60A max. @240Vac, Cold Start @25℃
Conducted EMI ………………......….……..…..…… CISPR/FCC Class B
Power Factor ……………………….…………..……………....... PF> = 0.9
Leakage Current ………………...…..….…….…… 0.75mA max.@277Vac
Input Current ………………..…………. 0.6A typ. @110Vac, Pout=59W
0.31A typ. @230Vac, Pout=59W
OUTPUT SPECIFICATIONS:
Holdup Time …………………………….…………… 16ms typ. @115Vac
Short Circuit Protection ……………...………Hiccup Mode (Auto Recover)
Temperature Coefficient .……………….…..........................… ±0.05% / ℃
Over Voltage Protection ………….....……..… TVS Component to Clamp
Over current Limit …………..………..….. constant current mode (note 9)
1~10V Dimming function for output current curve:
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
DIM(V)<1V,the output will be shut down
Typical curve
Over Temperature Protection …………….……….…………….. 110℃ typ
Altitude ……………………..…………….…..………….…………… 2000m
Startup time ……………………………………..……….…………. 2.5s typ.
Rise time ……………………………….………………………… 50ms typ.
MTBF ….…...... MIL-HDBK-217F, GB, at 25℃ /115VAC …150Khrs typ.
Vibration ….….. 15~2000Hz 4G period for 60min, each along X Y Z axes
SAFETY AND EMC :
Emission and Immunity …………..………..……..… EN55015, CISPR22
EN61547, EN61000-3-2, EN61000-3-3
Isolation Voltage ………….…………………………….. I/P-O/P 3750VAC
Surge ……………………………………….……………………………. 4KV
Derating curve:
0
25
50
75
100
-40 -30 -20 -10
0
10
20
30
40
50
60
70
Ambient Temperature(oC)
20LFM(Natural Convection)
Safety …………… UL8750, UL1310 Class 2, EN61347-1, EN61347-2-13
NOTE:
Harmonic Current …………..………… EN61000-3-2 Class C (>60% load)
1. Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to output for
Isolation Resistance ……………………….…………………... 100MΩ min.
ripple noise measuring @20MHz BW and 95% rated current.
GENERAL SPECIFICATIONS:
2. Voltage accuracy is set of 90% rated current.
Operating Temperature ...........................- 40 ~ 70
(see Derating Curve)
℃
3. Line regulation is measured from high line to low line with 90% rated current.
Storage Temperature ………………….………..….......……........ -40~85℃
4. Load regulation is measured from 90% to 10% rated current.
Cooling ……………………….…………...…….…….. Natural Convection
5. Can be adjusted by internal potentiometer.
MECHANICAL CHARACTERISTICS:
6 .Output constant current accuracy ±5%.
Dimensions …… 8.149x1.5748x1.1023 Inches (207.00x40.00x28.00mm)
7. IP67 for model:LDM60SXXX-01, LDM60SXXX-03, LDM60SXXX-04
Weight …………………………………..………………………… 454g typ.
IP65 for model: LDM60SXXX-02 , LDM60SXXX-03A, LDM60SXXX-04A
8. Efficiency is measured 95% rated power at Vin=230VAC.
9. Less than 50% (typ.) of the rated output voltage will enter hiccup mode.
10. No load power consumption<0.5W for LDM60SXXX-01,-02
No load power consumption<1.5W for LDM60SXXX-03, -03A, -04, -04A
Stand by power consumption<0.5W for LDM0SXXX-03, -03A, -04, -04A
Mechanical Specification
SJTW
SJTW 18AWG(0.75mm )x3C
ACL(Brown)
ACN(Blue)
FG
(Green/Yellow)
2
Vo+(Red) 16AWG
Vo-(Black) 16AWG
All Dimensions in Inches(mm)
Tolerance
Inches:x.xxx±0.02
Millimeters:x.xx±0.5
T C
*
TC: Max Case Temperature
Typical at 25˚C, nominal line and 75% load, unless otherwise Specified



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com