Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LS74 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74LS74
Description  LOW POWER SCHOTTKY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LS74 Datasheet(HTML) 1 Page - ON Semiconductor

  74LS74 Datasheet HTML 1Page - ON Semiconductor 74LS74 Datasheet HTML 2Page - ON Semiconductor 74LS74 Datasheet HTML 3Page - ON Semiconductor 74LS74 Datasheet HTML 4Page - ON Semiconductor 74LS74 Datasheet HTML 5Page - ON Semiconductor 74LS74 Datasheet HTML 6Page - ON Semiconductor 74LS74 Datasheet HTML 7Page - ON Semiconductor 74LS74 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 1999
December, 1999 – Rev. 6
1
Publication Order Number:
SN74LS74A/D
SN74LS74A
Dual D-Type Positive
Edge-Triggered Flip-Flop
The SN74LS74A dual edge-triggered flip-flop utilizes Schottky
TTL circuitry to produce high speed D-type flip-flops. Each flip-flop
has individual clear and set inputs, and also complementary Q and Q
outputs.
Information at input D is transferred to the Q output on the
positive-going edge of the clock pulse. Clock triggering occurs at a
voltage level of the clock pulse and is not directly related to the
transition time of the positive-going pulse. When the clock input is at
either the HIGH or the LOW level, the D input signal has no effect.
MODE SELECT – TRUTH TABLE
OPERATING MODE
INPUTS
OUTPUTS
OPERATING MODE
SD
SD
D
Q
Q
Set
Reset (Clear)
*Undetermined
Load “1” (Set)
Load “0” (Reset)
L
H
L
H
H
H
L
L
H
H
X
X
X
h
l
H
L
H
H
L
L
H
H
L
H
*
Both outputs will be HIGH while both SD and CD are LOW, but the output
states are unpredictable if SD and CD go HIGH simultaneously. If the levels
at the set and clear are near VIL maximum then we cannot guarantee to meet
the minimum level for VOH.
H, h = HIGH Voltage Level
L, I = LOW Voltage Level
X = Don’t Care
l, h (q) = Lower case letters indicate the state of the referenced input
i, h (q) = (or output) one set-up time prior to the HIGH to LOW clock transition.
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
4.75
5.0
5.25
V
TA
Operating Ambient
Temperature Range
0
25
70
°C
IOH
Output Current – High
– 0.4
mA
IOL
Output Current – Low
8.0
mA
LOW
POWER
SCHOTTKY
Device
Package
Shipping
ORDERING INFORMATION
SN74LS74AN
14 Pin DIP
2000 Units/Box
SN74LS74AD
14 Pin
SOIC
D SUFFIX
CASE 751A
http://onsemi.com
2500/Tape & Reel
PLASTIC
N SUFFIX
CASE 646
14
1
14
1


Similar Part No. - 74LS74

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74LS74 MOTOROLA-74LS74 Datasheet
73Kb / 3P
DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
National Semiconductor ...
74LS74 NSC-74LS74 Datasheet
136Kb / 6P
Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs
logo
Fairchild Semiconductor
74LS74 FAIRCHILD-74LS74 Datasheet
67Kb / 6P
Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs
logo
Hitachi Semiconductor
74LS74 HITACHI-74LS74 Datasheet
69Kb / 6P
Dual D-type Positive Edge-triggered Flip-Flops(With Preset and Clear)
logo
SYC Electronica
74LS74 SYC-74LS74 Datasheet
240Kb / 6P
Dual D-Type Positive Edge - Triggered Flip-Flop
More results

Similar Description - 74LS74

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS04 ONSEMI-SN74LS04 Datasheet
72Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS08 ONSEMI-SN74LS08 Datasheet
75Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS109A ONSEMI-SN74LS109A Datasheet
96Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS138 ONSEMI-SN74LS138 Datasheet
124Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS174 ONSEMI-SN74LS174 Datasheet
104Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS195A ONSEMI-SN74LS195A Datasheet
137Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS221 ONSEMI-SN74LS221 Datasheet
120Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS257B ONSEMI-SN74LS257B Datasheet
118Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS260 ONSEMI-SN74LS260 Datasheet
76Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS273 ONSEMI-SN74LS273 Datasheet
117Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com