Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR2201 Datasheet(PDF) 4 Page - PREMA Semiconductor.

Part # PR2201
Description  High Voltage Operational Amplifiers PR2201 and PR2202
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.

PR2201 Datasheet(HTML) 4 Page - PREMA Semiconductor.

  PR2201 Datasheet HTML 1Page - PREMA Semiconductor. PR2201 Datasheet HTML 2Page - PREMA Semiconductor. PR2201 Datasheet HTML 3Page - PREMA Semiconductor. PR2201 Datasheet HTML 4Page - PREMA Semiconductor. PR2201 Datasheet HTML 5Page - PREMA Semiconductor. PR2201 Datasheet HTML 6Page - PREMA Semiconductor. PR2201 Datasheet HTML 7Page - PREMA Semiconductor. PR2201 Datasheet HTML 8Page - PREMA Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
High Voltage OpAmp PR2201 / PR2202
Application Notes
FREQUENCY DEPENDENCE
At very high slew rates, especially at the supply
voltage, but also at all other pins, integrated
circuits can latch, leading to a high current flow
and usually fast destruction of the IC and its
environment.
Although during IC design precautions were
taken to suppress latch-up, this can become
critical for high-voltage ICs, especially at
voltages above 60 V. The slew rate of the
supply voltage should limited e.g. by means of
an RC-combination.
All other signals should be blocked by
capacitors to avoid sharp transients.
Safety note: Latching circuits can draw very
high currents. To avoid consequential damage
of the power supply and the danger of fire in
case of a failure, it is necessary to limit the
current by resistors, active current limiting
circuits, or fuses.
Differential voltages in excess to the specified
value can damage the input stage.
Note that in a feedback circuit, if at input signals
with high slew rates the output cannot follow
the input, transients with high differential
voltages may occur. This can happen e.g. if the
input signal is connected over a bouncing
mechanical contact.
If such situations cannot be avoided, the input
differential voltage must be limited by an
external protection circuit, e.g. fast Zener
diodes.
OFFSET COMPENSATION (PR2201)
Pins Comp1 and Comp2 allow to compensate
the input offset of the amplifier by means of an
external potentiometer or two trimmable
resistors.
OVERTEMPERATURE PROTECTION
To avoid overheating of the operational
amplifiers, there is a built-in overtemperature
protection. If this is activated, the output will go
to a high-resistance state.
The design of your circuit must consider this
situation. E.g. a feedback loop would be opened
if the opamp shuts down, which in certain
situations may lead to an excess differential
input voltage.
The opamp switches on again when the
temperature has dropped. This usually leads to
intermittent
operation
until
the
overload
condition is resolved.
Generally,
the
overtemperature
shutdown
should be avoided by means of proper thermal
design and avoiding overload situations.
© PREMA Semiconductor GmbH 2006-2014 I rev. 1014
Page 4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com