Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR4101 Datasheet(PDF) 14 Page - PREMA Semiconductor.

Part # PR4101
Description  High Power LED Buck Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.

PR4101 Datasheet(HTML) 14 Page - PREMA Semiconductor.

Back Button PR4101 Datasheet HTML 10Page - PREMA Semiconductor. PR4101 Datasheet HTML 11Page - PREMA Semiconductor. PR4101 Datasheet HTML 12Page - PREMA Semiconductor. PR4101 Datasheet HTML 13Page - PREMA Semiconductor. PR4101 Datasheet HTML 14Page - PREMA Semiconductor. PR4101 Datasheet HTML 15Page - PREMA Semiconductor. PR4101 Datasheet HTML 16Page - PREMA Semiconductor. PR4101 Datasheet HTML 17Page - PREMA Semiconductor. PR4101 Datasheet HTML 18Page - PREMA Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LED Driver PR4101
Application Notes
SOFT START
With an external capacitor at RTK the output
current can ramp up continuously within a
programmable period.
The following table gives some capacitor values:
Soft Start Time
CSOFT
10 ms
100 nF
100 ms
1 µF
3 s
22 µF
It
is
possible
to
combine
temperature
compensation and softstart functionality. A soft
start is triggered by a reset that is initiated
either by applying the supply voltage, or by
starting the IC up with the PWRDWN signal.
Passing the threshold at VDI does not trigger
the soft start however, therefore supply by a
phase-cut voltage from a dimmer does not
interfere with soft start - see oscilloscope
diagram.
CORRESPONDING OSCILLOSCOPE IMAGES
Softstart on RTK, CSOFT = 100 nF
Softstart on RTK, CSOFT = 1 µF
(phase-cut input voltage)
--- Vcc
--- PwrDwn
--- LED current (voltage at a 1Ω resistor)
--- clock signal (test pin)
Measured with
CIN = 470 µF
CLED = 100 µF
C5VHi/Lo = 220 nF
L = 470 µH
Vcc = 15 V
RSENSE = 0.25 Ω
1 x 3 W Luxeon LED
Supply by a phase-cut voltage from a dimmer does not interfere with soft start - see right diagram.
© PREMA Semiconductor GmbH 2006-2014 I rev. 1014
Page 14/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com