Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR4101A Datasheet(PDF) 2 Page - PREMA Semiconductor.

Part # PR4101A
Description  High Power LED Buck Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.

PR4101A Datasheet(HTML) 2 Page - PREMA Semiconductor.

  PR4101A Datasheet HTML 1Page - PREMA Semiconductor. PR4101A Datasheet HTML 2Page - PREMA Semiconductor. PR4101A Datasheet HTML 3Page - PREMA Semiconductor. PR4101A Datasheet HTML 4Page - PREMA Semiconductor. PR4101A Datasheet HTML 5Page - PREMA Semiconductor. PR4101A Datasheet HTML 6Page - PREMA Semiconductor. PR4101A Datasheet HTML 7Page - PREMA Semiconductor. PR4101A Datasheet HTML 8Page - PREMA Semiconductor. PR4101A Datasheet HTML 9Page - PREMA Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LED Driver PR4101
PIN Configurations / PIN Descriptions
Test
PwrDwn
1
2
3
4
5
6
14
13
12
11
10
9
7
8
Delay
PWM
GND
RTK
Temp
Vsense
NDRV
VDI
Vcc
SUB
5VHi
5VLo
PR4101A: Package SOP14
Topside marking: version code "PR4101"
RTK
GND
1
2
3
4
8
7
6
5
Vsense
NDRV
VDI
Vcc
5VHi
5VLo
PR4101B: Package SOP8
Topside marking: version code "PR4101B"
Pin No.
PR4101A
Pin No.
PR4101B Pin Name
Pin Function Description
1
n.c.
Test
For test and internal use only
2
n.c.
PwrDwn Power Down, sleep mode for min. power consumption.
When connected to GND, NDRV is clamped to GND.
3
n.c.
Delay
Not connected: Delay Start is disabled
connected to GND: Delay Start is enabled
4
n.c.
PWM
If V
PWM < VrefPWM the buck converter is switched off.
If V
PWM > VrefPWM the buck converter is switched on.
5
2
GND
Ground
6
2
SUB
Substrate has to be connected to GND for PR4101A (internally connected to GND
for PR4101B)
7
3
5VHi
Internal 5V linear regulator output for high currents. Connect a capacitor of 100
nF to GND. Voltage is not for external use.
8
4
5VLo
Internal 5V linear regulator output for low currents. Connect a capacitor of
100 nF to GND. Voltage is not for external use.
9
5
Vcc
Supply voltage
10
6
VDI
Undervoltage detection pin. If unused, connect to Vcc.
For use with phase fired controllers (see application notes).
11
7
NDRV
Gate connection for an external n-channel MOSFET.
12
8
VSense
Feedback for controlling the output current. Connect this pin to the series
resistor RVSENSE and the sense resistor RSENSE. The external MOSFET is switched
off when the voltage at this pin is higher than VSENSE.
13
n.c.
Temp
Voltage output of the internal chip temperature sensor (over temperature
protection). Please see „Electrical Characteristics“ for relationship between VTEMP
and the chip temperature TCHIP.
14
1
RTK
Softstart feature and temperature compensation of the output current. By
connecting for example a NTC resistor from RTK to GND the sensing threshold
voltage Vsense will be decreased depending on the NTC´s temperature. A
capacitor CSOFT connected to GND offers a soft ramp up of the LED current.
© PREMA Semiconductor GmbH 2006-2014 I rev. 1014
Page 2/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com