Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR4401 Datasheet(PDF) 3 Page - PREMA Semiconductor.

Part # PR4401
Description  0.9 V Boost Driver for White LEDs Requires Only One External Component
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.

PR4401 Datasheet(HTML) 3 Page - PREMA Semiconductor.

  PR4401 Datasheet HTML 1Page - PREMA Semiconductor. PR4401 Datasheet HTML 2Page - PREMA Semiconductor. PR4401 Datasheet HTML 3Page - PREMA Semiconductor. PR4401 Datasheet HTML 4Page - PREMA Semiconductor. PR4401 Datasheet HTML 5Page - PREMA Semiconductor. PR4401 Datasheet HTML 6Page - PREMA Semiconductor. PR4401 Datasheet HTML 7Page - PREMA Semiconductor. PR4401 Datasheet HTML 8Page - PREMA Semiconductor. PR4401 Datasheet HTML 9Page - PREMA Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LED Driver PR4401 / PR4402
Typical Characteristics
TEST CIRCUIT
Vcc
Gnd
Vout
PR4401
L1
0.5
Ω
or 1
Ω
470 nF
0.5
Ω
or 1
Ω
MEASUREMENT + CALCULATION OF EFFICIENCY
Efficiency [%]=
1
T ∫
0
T
(V LED⋅I LED)dt
1
T ∫
0
T
(V in⋅Iin)dt
⋅
100
Depending on test setup and measuring
method, efficiency values can vary by approx.
±5 %, and peak current values can vary by up
to ±20 %, Accuracy of mean currents: ±1 mA.
Measuring conditions for all diagrams, unless
otherwise noted:
• Ta = 25°C
• one LED connected (peak voltage 4.2...5.8 V)
A LQH32C from Murata has been used as
reference inductor, the DC resistance is
specified as
• 0.44
Ω ± 30 % for 10 µH
(max current 300 mA)
• 0.71
Ω ± 30 % for 22 µH
(max. current 250 mA)
• 1.30
Ω ± 30 % for a 47 µH inductor
(max. current 170 mA).
OSCILLOSCOPE DISPLAYS
PR4401; LED voltage (CH1) and LED current (CH2, over 0.5
Ω resistor)
with L1 = 22 µH
with L1 = 10 µH
© PREMA Semiconductor GmbH 2006-2014 I rev. 1014
Page 3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com