Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC840 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # BC840
Description  BC840/M/E, Compact BLE 5, Thread, Zigbee Modules
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BC840 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button BC840 Datasheet HTML 4Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 5Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 6Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 7Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 8Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 9Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 10Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 11Page - List of Unclassifed Manufacturers BC840 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
BC840/M/E, Compact BLE 5, Thread, Zigbee Modules
Ver 1.00, April 2019
The following cryptographic features are provided.
•
FIPS-140-2 certified True Random Number Generator (TRNG)
•
RSA asymmetric encryption
Up to 2048 bit key size
PKCS#1 v2.1/v1.5
Optional CRT support
•
Elliptic curve cryptography (ECC)
NIST FIPS 186-4 recommended curves using pseudo-random parameters, up to 521 bits:
➢
Prime field: P-192, P-224, P-256, P-384, P-521
SEC 2 recommended curves using pseudo-random parameters, up to 521 bits:
➢
Prime field: P-160, P-192, P-224, P-256, P-384, P-521
Koblitz curves using fixed parameters, up to 256 bits:
➢
Prime field: P-160, P-192, P-224, P-256
Edwards/Montgomery curves:
➢
Ed25519, Curve 25519
ECDH/ECDSA support
• Secure remote password protocol (SRP)
Up to 3072 bit operations
•
Hashing functions
SHA-1, SHA-2 up to 256 bit size
keyed-hash message authentication code (HMAC)
•
AES symmetric encryption
General purpose AES engine (encrypt/decrypt, sign/verify)
128 bit key size
Supported encryption modes: ECB, CBC, CMAC/CBC-MAC, CTR, CCM/CCM*.
•
ChaCha20/Poly1305 symmetric encryption
Supported keyed size: 128 and 256 bits
Authenticated encryption with associated data (AEAD) mode
!8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com