Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-M2 Datasheet(PDF) 10 Page - STMicroelectronics

Part # BLUENRG-M2
Description  Very low power application processor module for Bluetooth® low energy v5.0
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-M2 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button BLUENRG-M2 Datasheet HTML 6Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 7Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 8Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 9Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 10Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 11Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 12Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 13Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
5.3
RF general characteristics
Characteristic measured over recommended operating conditions unless otherwise specified. Typical value are
referred to VIN= 3.3 V, 25 °C, DC/DC on, XO 32 kHz (BLUENRG-M2SA only) and XO 32 MHz.
Table 5. RF general characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
FREQ
Frequency range
2400
-
2483.5
MHz
FCH
Channel spacing
-
2
-
MHz
RFch
RF channel center frequency
2402
-
2480
MHz
Table 6. BLUENRG-M2SA RF characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
RPMAX(1)
Output power(2)
Radiated
+5
dBm
RXSENS
Sensitivity(2)
Conducted
-85
dBm
1. PA-Level set to 0x07 and En-High_Power set to 0x01 (corresponding to +8 dBm in conducted mode).
2. Radiated power may be impacted by application board / housing / etc.
Table 7. BLUENRG-M2SP RF characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
RPMAX(1)
Radiated output power(2)
Radiated
+7
dBm
RXSENS
Sensitivity(2)
Conducted
-85
dBm
1. PA-Level set to 0x07 and En-High_Power set to 0x01 (corresponding to +8dBm in conducted mode).
2. Radiated power may be impacted by application board / housing / etc.
BlueNRG-M2
RF general characteristics
DS13053 - Rev 2
page 10/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com