Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DX58SO2 Datasheet(PDF) 76 Page - Intel Corporation

Part # DX58SO2
Description  Intel짰 Desktop Board DX58SO2 Technical Product Specification
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DX58SO2 Datasheet(HTML) 76 Page - Intel Corporation

Back Button DX58SO2 Datasheet HTML 72Page - Intel Corporation DX58SO2 Datasheet HTML 73Page - Intel Corporation DX58SO2 Datasheet HTML 74Page - Intel Corporation DX58SO2 Datasheet HTML 75Page - Intel Corporation DX58SO2 Datasheet HTML 76Page - Intel Corporation DX58SO2 Datasheet HTML 77Page - Intel Corporation DX58SO2 Datasheet HTML 78Page - Intel Corporation DX58SO2 Datasheet HTML 79Page - Intel Corporation DX58SO2 Datasheet HTML 80Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 91 page
background image
Intel Desktop Board DX58SO2 Technical Product Specification
76
Table 38. Port 80h POST Codes (continued)
POST Code
Description of POST Operation
DXE Drivers
E7
Waiting for user input
E8
Checking password
E9
Entering BIOS setup
EB
Calling Legacy Option ROMs
Runtime Phase/EFI OS Boot
F4
Entering Sleep state
F5
Exiting Sleep state
F8
EFI boot service ExitBootServices ( ) has been called
F9
EFI runtime service SetVirtualAddressMap ( ) has been called
FA
EFI runtime service ResetSystem ( ) has been called
PEIMs/Recovery
30
Crisis Recovery has initiated per user request
31
Crisis Recovery has initiated by software (corrupt flash)
34
Loading recovery capsule
35
Handing off control to the recovery capsule
3F
Unable to recover



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com